Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2206 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2206
Description  16-Bit, 105Msps/80Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2206 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2206_15 Datasheet HTML 2Page - Linear Technology LTC2206_15 Datasheet HTML 3Page - Linear Technology LTC2206_15 Datasheet HTML 4Page - Linear Technology LTC2206_15 Datasheet HTML 5Page - Linear Technology LTC2206_15 Datasheet HTML 6Page - Linear Technology LTC2206_15 Datasheet HTML 7Page - Linear Technology LTC2206_15 Datasheet HTML 8Page - Linear Technology LTC2206_15 Datasheet HTML 9Page - Linear Technology LTC2206_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC2207/LTC2206
6
22076fc
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND, with GND and OGND
shorted (unless otherwise noted).
Note 3: When these pin voltages are taken below GND or above VDD, they
will be clamped by internal diodes. This product can handle input currents
of greater than 100mA below GND or above VDD without latchup.
Note 4: VDD = 3.3V, fSAMPLE = 105MHz (LTC2207), 80MHz (LTC2206)
differential ENC+/ENC= 2VP-P sine wave with 1.6V common mode,
input range = 2.25VP-P with differential drive (PGA = 0), unless otherwise
specified.
Note 5: Integral nonlinearity is defined as the deviation of a code from
a “best fit straight line” to the transfer curve. The deviation is measured
from the center of the quantization band.
Note 6: Offset error is the offset voltage measured from –1/2LSB when the
output code flickers between 0000 0000 0000 0000 and 1111 1111 1111
1111 in 2’s complement output mode.
Note 7: Guaranteed by design, not subject to test.
Note 8: VDD = 3.3V, fSAMPLE = 105MHz (LTC2207) or 80MHz (LTC2206),
input range = 2.25VP-P with differential drive.
Note 9: Recommended operating conditions.
Note 10: The dynamic current of the switched capacitors analog inputs can
be large compared to the leakage current and will vary with the sample rate.
Note 11: Leakage current will have higher transient current at power up.
Keep drive resistance at or below 1kΩ.
The denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL PARAMETER
CONDITIONS
MIN
LTC2206
TYP
MAX
MIN
LTC2207
TYP
MAX
UNITS
fS
Sampling Frequency
(Note 9)
1
80
1
105
MHz
tL
ENC Low Time
Duty Cycle Stabilizer Off (Note 7)
Duty Cycle Stabilizer On (Note 7)
5.94
4.06
6.25
6.25
500
500
4.52
3.10
4.762
4.762
500
500
ns
ns
tH
ENC High Time
Duty Cycle Stabilizer Off (Note 7)
Duty Cycle Stabilizer On (Note 7)
5.94
4.06
6.25
6.25
500
500
4.52
3.10
4.762
4.762
500
500
ns
ns
tAP
Sample-and-Hold
Aperture Delay
–0.7
–0.7
ns
tD
ENC to DATA Delay
(Note 7)
1.3
2.7
4
1.3
2.7
4
ns
tC
ENC to CLKOUT Delay
(Note 7)
1.3
2.7
4
1.3
2.7
4
ns
tSKEW
DATA to CLKOUT Skew
(tC-tD) (Note 7)
–0.6
0
0.6
–0.6
0
0.6
ns
tOE
DATA Access time
Bus Relinquish time
CL = 5pF (Note 7)
(Note 7)
5
5
15
15
5
5
15
15
ns
ns
Pipeline
Latency
77
Cycles
TIMING CHARACTERISTICS
The denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 4)
SYMBOL PARAMETER
CONDITIONS
MIN
LTC2206
TYP
MAX
MIN
LTC2207
TYP
MAX
UNITS
VDD
Analog Supply Voltage
3.135
3.3
3.465
3.135
3.3
3.465
V
PSHDN
Shutdown Power
SHDN = VDD
0.2
0.2
mW
OVDD
Output Supply Voltage
0.5
3.6
0.5
3.6
V
IVDD
Analog Supply Current
DC Input
220
265
273
325
mA
PDIS
Power Dissipation
DC Input
725
875
900
1,073
mW
POWER REQUIREMENTS


Similar Part No. - LTC2206_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
More results

Similar Description - LTC2206_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206 LINER-LTC2206 Datasheet
1Mb / 32P
16-Bit, 105Msps/80Msps ADCs
LTC2207-14 LINER-LTC2207-14 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
LTC2232 LINER-LTC2232 Datasheet
844Kb / 28P
10-Bit,105Msps/80Msps ADCs
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
LTC2207 LINER-LTC2207_15 Datasheet
1Mb / 32P
16-Bit, 105Msps/80Msps ADCs
LTC2207-14 LINER-LTC2207-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
12-Bit,105Msps/ 80Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
12-Bit,105Msps/ 80Msps ADCs
LTC2233 LINER-LTC2233_15 Datasheet
849Kb / 28P
10-Bit,105Msps/ 80Msps ADCs
LTC2232 LINER-LTC2232_15 Datasheet
849Kb / 28P
10-Bit,105Msps/ 80Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com