Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2206 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2206
Description  16-Bit, 105Msps/80Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2206 Datasheet(HTML) 5 Page - Linear Technology

  LTC2206_15 Datasheet HTML 1Page - Linear Technology LTC2206_15 Datasheet HTML 2Page - Linear Technology LTC2206_15 Datasheet HTML 3Page - Linear Technology LTC2206_15 Datasheet HTML 4Page - Linear Technology LTC2206_15 Datasheet HTML 5Page - Linear Technology LTC2206_15 Datasheet HTML 6Page - Linear Technology LTC2206_15 Datasheet HTML 7Page - Linear Technology LTC2206_15 Datasheet HTML 8Page - Linear Technology LTC2206_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC2207/LTC2206
5
22076fc
The denotes the specifications which apply over
the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)
COMMON MODE BIAS CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCM Output Voltage
IOUT = 0
1.15
1.25
1.35
V
VCM Output Tempco
IOUT = 0
40
ppm/°C
VCM Line Regulation
3.135V ≤ VDD ≤ 3.465V
1
mV/ V
VCM Output Resistance
–1mA ≤ | IOUT | ≤ 1mA
2
Ω
The denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)
DIGITAL INPUTS AND DIGITAL OUTPUTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ENCODE INPUTS (ENC+, ENC)
VID
Differential Input Voltage
(Note 7)
0.2
V
VICM
Common Mode Input Voltage
Internally Set
Externally Set (Note 7)
1.4
1.6
3
V
RIN
Input Resistance
(See Figure 2)
6
k
Ω
CIN
Input Capacitance
(Note 7)
3
pF
LOGIC INPUTS (DITH, PGA, SHDN, RAND)
VIH
High Level Input Voltage
VDD = 3.3V
2V
VIL
Low Level Input Voltage
VDD = 3.3V
0.8
V
IIN
Input Current
VIN = 0V to VDD
±10
μA
CIN
Input Capacitance
(Note 7)
1.5
pF
LOGIC OUTPUTS
OVDD = 3.3V
VOH
High Level Output Voltage
VDD = 3.3V
IO = –10μA
IO = –200μA
3.1
3.299
3.29
V
V
VOL
Low Level Output Voltage
VDD = 3.3V
IO = –10μA
IO = –200μA
0.01
0.1
0.4
V
V
ISOURCE
Output Source Current
VOUT = 0V
–50
mA
ISINK
Output Sink Current
VOUT = 3.3V
50
mA
OVDD = 2.5V
VOH
High Level Output Voltage
VDD = 3.3V
IO = –200μA
2.49
V
VOL
Low Level Output Voltage
VDD = 3.3V
IO = 1.60mA
0.1
V
OVDD = 1.8V
VOH
High Level Output Voltage
VDD = 3.3V
IO = –200μA
1.79
V
VOL
Low Level Output Voltage
VDD = 3.3V
IO = 1.60mA
0.1
V


Similar Part No. - LTC2206_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
More results

Similar Description - LTC2206_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206 LINER-LTC2206 Datasheet
1Mb / 32P
   16-Bit, 105Msps/80Msps ADCs
LTC2207 LINER-LTC2207_15 Datasheet
1Mb / 32P
   16-Bit, 105Msps/80Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2232 LINER-LTC2232_15 Datasheet
849Kb / 28P
   10-Bit,105Msps/ 80Msps ADCs
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2207-14 LINER-LTC2207-14_15 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2233 LINER-LTC2233_15 Datasheet
849Kb / 28P
   10-Bit,105Msps/ 80Msps ADCs
LTC2207-14 LINER-LTC2207-14 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2232 LINER-LTC2232 Datasheet
844Kb / 28P
   10-Bit,105Msps/80Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com