Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2206 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2206
Description  16-Bit, 105Msps/80Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2206 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2206_15 Datasheet HTML 14Page - Linear Technology LTC2206_15 Datasheet HTML 15Page - Linear Technology LTC2206_15 Datasheet HTML 16Page - Linear Technology LTC2206_15 Datasheet HTML 17Page - Linear Technology LTC2206_15 Datasheet HTML 18Page - Linear Technology LTC2206_15 Datasheet HTML 19Page - Linear Technology LTC2206_15 Datasheet HTML 20Page - Linear Technology LTC2206_15 Datasheet HTML 21Page - Linear Technology LTC2206_15 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LTC2207/LTC2206
18
22076fc
SAMPLE/HOLD OPERATION AND INPUT DRIVE
Sample/Hold Operation
Figure 2 shows an equivalent circuit for the LTC2207/
LTC2206 CMOS differential sample and hold. The differ-
ential analog inputs are sampled directly onto sampling
capacitors (CSAMPLE) through NMOS transistors. The
capacitors shown attached to each input (CPARASITIC) are
the summation of all other capacitance associated with
each input.
During the sample phase when ENC is low, the NMOS
transistors connect the analog inputs to the sampling
capacitors and they charge to, and track the differential
input voltage. When ENC transitions from low to high, the
sampled input voltage is held on the sampling capacitors.
During the hold phase when ENC is high, the sampling
capacitors are disconnected from the input and the held
voltage is passed to the ADC core for processing. As ENC
transitions for high to low, the inputs are reconnected to
the sampling capacitors to acquire a new sample. Since
the sampling capacitors still hold the previous sample,
a charging glitch proportional to the change in voltage
between samples will be seen at this time. If the change
between the last sample and the new sample is small,
the charging glitch seen at the input will be small. If the
input change is large, such as the change seen with input
frequencies near Nyquist, then a larger charging glitch
will be seen.
Common Mode Bias
The ADC sample-and-hold circuit requires differential
drive to achieve specified performance. Each input should
swing
±0.5625Vforthe2.25Vrange(PGA=0)or±0.375V
for the 1.5V range (PGA = 1), around a common mode
voltage of 1.25V. The VCM output pin (Pin 2) is designed
to provide the common mode bias level. VCM can be tied
directly to the center tap of a transformer to set the DC
input level or as a reference level to an op amp differential
driver circuit. The VCM pin must be bypassed to ground
close to the ADC with 2.2μF or greater.
Input Drive Impedence
As with all high performance, high speed ADCs the
dynamic performance of the LTC2207/LTC2206 can be
influenced by the input drive circuitry, particularly the
second and third harmonics. Source impedance and in-
put reactance can influence SFDR. At the falling edge of
ENC the sample-and-hold circuit will connect the 4.9pF
sampling capacitor to the input pin and start the sampling
period. The sampling period ends when ENC rises, hold-
ing the sampled input on the sampling capacitor. Ideally,
the input circuitry should be fast enough to fully charge
the sampling capacitor during the sampling period
1/(2FENCODE); however, this is not always possible and the
incomplete settling may degrade the SFDR. The sampling
glitch has been designed to be as linear as possible to
minimize the effects of incomplete settling.
For the best performance it is recommended to have a
source impedence of 100
Ω or less for each input. The
source impedence should be matched for the differential
inputs. Poor matching will result in higher even order
harmonics, especially the second.
APPLICATIONS INFORMATION
Figure 2. Equivalent Input Circuit
CSAMPLE
4.9pF
VDD
VDD
LTC2207/LTC2206
AIN+
22076 F02
CSAMPLE
4.9pF
VDD
AIN
ENC
ENC+
1.6V
6k
1.6V
6k
CPARASITIC
1.8pF
CPARASITIC
1.8pF


Similar Part No. - LTC2206_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
More results

Similar Description - LTC2206_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206 LINER-LTC2206 Datasheet
1Mb / 32P
   16-Bit, 105Msps/80Msps ADCs
LTC2207 LINER-LTC2207_15 Datasheet
1Mb / 32P
   16-Bit, 105Msps/80Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2232 LINER-LTC2232_15 Datasheet
849Kb / 28P
   10-Bit,105Msps/ 80Msps ADCs
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2207-14 LINER-LTC2207-14_15 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2233 LINER-LTC2233_15 Datasheet
849Kb / 28P
   10-Bit,105Msps/ 80Msps ADCs
LTC2207-14 LINER-LTC2207-14 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2232 LINER-LTC2232 Datasheet
844Kb / 28P
   10-Bit,105Msps/80Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com