Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2206 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2206
Description  16-Bit, 105Msps/80Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2206 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2206_15 Datasheet HTML 9Page - Linear Technology LTC2206_15 Datasheet HTML 10Page - Linear Technology LTC2206_15 Datasheet HTML 11Page - Linear Technology LTC2206_15 Datasheet HTML 12Page - Linear Technology LTC2206_15 Datasheet HTML 13Page - Linear Technology LTC2206_15 Datasheet HTML 14Page - Linear Technology LTC2206_15 Datasheet HTML 15Page - Linear Technology LTC2206_15 Datasheet HTML 16Page - Linear Technology LTC2206_15 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC2207/LTC2206
13
22076fc
SAMPLE RATE (MHz)
0
90
95
100
120 140
100
22076 G50
85
80
40
20
80
60
160
75
70
105
SFDR
SNR
LIMIT
SUPPLY VOLTAGE (V)
2.8
90
95
100
3.4
22076 G51
85
80
70
3
3.2
75
110
105
SNR
SFDR
LOWER LIMIT
UPPER LIMIT
SAMPLE RATE (Msps)
0
210
230
250
80
22076 G52
190
170
200
220
240
180
160
150
20
40
60
100
TEMPERATURE (°C)
–40
–2
0
2
35
85
22076 G53
–4
–6
–8
–15
10
60
4
6
8
TEMPERATURE (°C)
–40
0.995
0.996
0.997
0.998
0.999
1.000
1.001
–15
10
35
60
22076 G54
85
ANALOG INPUT COMMON MODE VOLTAGE (V)
0.5
60
70
80
90
0.75
1
1.25
1.5
22076 G55
1.75
100
110
65
75
85
95
105
2
70MHz
10MHz
LTC2206: 5MHz SFDR and SNR
vs Sample Rate, 80Msps
LTC2206: SNR and SFDR
vs Supply Voltage (VDD),
fIN = 5MHz, 80Msps
LTC2206: IVDD vs Sample Rate,
5MHz Sine Wave, –1dBFS,
80Msps
Offset Voltage vs Temperature,
Internal Reference, 5 Units
Normalized Full-Scale Error
vs Temperature, Internal
Reference, 5 Units
SFDR vs Analog Input Common
Mode Voltage, 10MHz and
70MHz, –1dBFS, PGA = 0
TYPICAL PERFORMANCE CHARACTERISTICS
TIME AFTER WAKE-UP OR CLOCK START (μs)
0
0.2
0.6
1.0
400
22076 G56
–0.2
–0.6
0
0.4
0.8
–0.4
–0.8
–1.0
100
50
200
150
300 350
450
250
500
TIME FROM WAKE-UP OR CLOCK START (μs)
0
1
3
5
800
22076 G57
–1
–3
0
2
4
–2
–4
–5
200
100
400
300
600 700
900
500
1000
Mid-Scale Settling After Wake
Up from Shutdown or Starting
Encode Clock
Full-Scale Settling After Wake
Up from Shutdown or Starting
Encode Clock


Similar Part No. - LTC2206_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
More results

Similar Description - LTC2206_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206 LINER-LTC2206 Datasheet
1Mb / 32P
   16-Bit, 105Msps/80Msps ADCs
LTC2207 LINER-LTC2207_15 Datasheet
1Mb / 32P
   16-Bit, 105Msps/80Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2232 LINER-LTC2232_15 Datasheet
849Kb / 28P
   10-Bit,105Msps/ 80Msps ADCs
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2207-14 LINER-LTC2207-14_15 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2233 LINER-LTC2233_15 Datasheet
849Kb / 28P
   10-Bit,105Msps/ 80Msps ADCs
LTC2207-14 LINER-LTC2207-14 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2232 LINER-LTC2232 Datasheet
844Kb / 28P
   10-Bit,105Msps/80Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com