Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2206 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2206
Description  16-Bit, 105Msps/80Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2206 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2206_15 Datasheet HTML 8Page - Linear Technology LTC2206_15 Datasheet HTML 9Page - Linear Technology LTC2206_15 Datasheet HTML 10Page - Linear Technology LTC2206_15 Datasheet HTML 11Page - Linear Technology LTC2206_15 Datasheet HTML 12Page - Linear Technology LTC2206_15 Datasheet HTML 13Page - Linear Technology LTC2206_15 Datasheet HTML 14Page - Linear Technology LTC2206_15 Datasheet HTML 15Page - Linear Technology LTC2206_15 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LTC2207/LTC2206
12
22076fc
INPUT LEVEL (dBFS)
–80
30
40
60
70
80
130
100
–60
–40
–30
22076 G44
50
110
120
90
–70
–50
–20 –10
0
INPUT LEVEL (dBFS)
–80
30
40
60
70
80
130
100
–60
–40
–30
22076 G45
50
110
120
90
–70
–50
–20 –10
0
FREQUENCY (MHz)
0
–70
–30
0
20
22076 G46
–90
–110
–80
–50
–10
–20
–40
–60
–100
–120
–130
5
10
15
40
35
30
25
FREQUENCY (MHz)
0
–70
–30
0
20
22076 G47
–90
–110
–80
–50
–10
–20
–40
–60
–100
–120
–130
5
10
15
40
35
30
25
INPUT FREQUENCY (MHz)
0
60
65
75
80
85
200
400
500
105
22076 G48
70
100
300
90
95
100
PGA = 0
PGA = 1
INPUT FREQUENCY (MHz)
0
75
77
79
400
22076 G49
73
71
74
76
78
72
70
69
100
200
300
500
PGA = 0
PGA = 1
LTC2206: SFDR vs Input Level,
fIN = 140.2MHz, PGA = 0,
Dither “Off”, 80Msps
LTC2206: SFDR vs Input Level,
fIN = 140.2MHz, PGA = 0,
Dither “On”, 80Msps
LTC2206: 64K Point FFT,
fIN = 170.2MHz, –1dBFS,
PGA = 1, 80Msps
LTC2206: 64K Point FFT,
fIN = 250.2MHz, –1dBFS,
PGA = 1, 80Msps
LTC2206: SFDR (HD2 and HD3)
vs Input Frequency, 80Msps
LTC2206: SNR vs Input Frequency,
80Msps
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
0
–70
–30
0
20
22076 G41
–90
–110
–80
–50
–10
–20
–40
–60
–100
–120
–130
5
10
15
40
35
30
25
FREQUENCY (MHz)
0
–70
–30
0
20
22076 G42
–90
–110
–80
–50
–10
–20
–40
–60
–100
–120
–130
5
10
15
40
35
30
25
FREQUENCY (MHz)
0
–70
–30
0
20
22076 G43
–90
–110
–80
–50
–10
–20
–40
–60
–100
–120
–130
5
10
15
40
35
30
25
LTC2206: 64K Point 2-Tone FFT,
fIN = 69.2MHz and 76.5MHz,
–7dBFS, PGA = 0, 80Msps
LTC2206: 64K Point 2-Tone FFT,
fIN = 69.2MHz and 76.5MHz,
–15dBFS, PGA = 0, 80Msps
LTC2206: 64K Point FFT,
fIN = 140.2MHz, –1dBFS,
PGA = 0, 80Msps


Similar Part No. - LTC2206_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
More results

Similar Description - LTC2206_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206 LINER-LTC2206 Datasheet
1Mb / 32P
   16-Bit, 105Msps/80Msps ADCs
LTC2207 LINER-LTC2207_15 Datasheet
1Mb / 32P
   16-Bit, 105Msps/80Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2232 LINER-LTC2232_15 Datasheet
849Kb / 28P
   10-Bit,105Msps/ 80Msps ADCs
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2207-14 LINER-LTC2207-14_15 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2233 LINER-LTC2233_15 Datasheet
849Kb / 28P
   10-Bit,105Msps/ 80Msps ADCs
LTC2207-14 LINER-LTC2207-14 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2232 LINER-LTC2232 Datasheet
844Kb / 28P
   10-Bit,105Msps/80Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com