Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2206 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2206
Description  16-Bit, 105Msps/80Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2206 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2206_15 Datasheet HTML 3Page - Linear Technology LTC2206_15 Datasheet HTML 4Page - Linear Technology LTC2206_15 Datasheet HTML 5Page - Linear Technology LTC2206_15 Datasheet HTML 6Page - Linear Technology LTC2206_15 Datasheet HTML 7Page - Linear Technology LTC2206_15 Datasheet HTML 8Page - Linear Technology LTC2206_15 Datasheet HTML 9Page - Linear Technology LTC2206_15 Datasheet HTML 10Page - Linear Technology LTC2206_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC2207/LTC2206
7
22076fc
TIMING DIAGRAM
OUTPUT CODE
0
0
1.0
65536
22076 G01
–1.0
–2.0
16384
32768
49152
8192
24576
40960
57344
2.0
–0.5
0.5
–1.5
1.5
OUTPUT CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
16384
32768 40960
22076 G02
–0.6
0.6
0.8
0.2
8192
24576
49152 57344 65536
OUTPUT CODE
6000
8000
9000
7000
5000
3000
1000
10000
22076 G03
4000
2000
0
FREQUENCY (MHz)
0
–70
–30
0
40
22076 G04
–90
–110
–80
–50
–10
–20
–40
–60
–100
–120
–130
10
20
30
50
FREQUENCY (MHz)
0
–70
–30
0
40
22076 G05
–90
–110
–80
–50
–10
–20
–40
–60
–100
–120
–130
10
20
30
50
FREQUENCY (MHz)
0
–70
–30
0
40
22076 G06
–90
–110
–80
–50
–10
–20
–40
–60
–100
–120
–130
10
20
30
50
LTC2207: DNL, 105Msps
LTC2207: AC Grounded Input
Histogram, 105Msps
LTC2207: 128K Point FFT,
fIN = 4.93MHz, –1dBFS,
PGA = 0, 105Msps
LTC2207: 64K Point FFT,
fIN = 14.8MHz, –1dBFS,
PGA = 0, 105Msps
LTC2207: 64K Point FFT,
fIN = 14.8MHz, –10dBFS,
PGA = 0, 105Msps
LTC2207: INL, 105Msps
TYPICAL PERFORMANCE CHARACTERISTICS
tH
tD
tC
tL
N – 7
N – 6
N – 5
N – 4
N – 3
ANALOG
INPUT
ENC
ENC+
CLKOUT
CLKOUT+
D0-D15, OF
22076 TD01
tAP
N + 1
N + 2
N + 4
N + 3
N


Similar Part No. - LTC2206_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
More results

Similar Description - LTC2206_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206 LINER-LTC2206 Datasheet
1Mb / 32P
16-Bit, 105Msps/80Msps ADCs
LTC2207 LINER-LTC2207_15 Datasheet
1Mb / 32P
16-Bit, 105Msps/80Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
12-Bit,105Msps/ 80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
12-Bit,105Msps/ 80Msps ADCs
LTC2232 LINER-LTC2232_15 Datasheet
849Kb / 28P
10-Bit,105Msps/ 80Msps ADCs
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
LTC2207-14 LINER-LTC2207-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
LTC2233 LINER-LTC2233_15 Datasheet
849Kb / 28P
10-Bit,105Msps/ 80Msps ADCs
LTC2207-14 LINER-LTC2207-14 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
LTC2232 LINER-LTC2232 Datasheet
844Kb / 28P
10-Bit,105Msps/80Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com