Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STUD30L01A Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STUD30L01A
Description  Super high dense cell design for low RDS(ON).
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD30L01A Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STUD30L01A Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD30L01A Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD30L01A Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD30L01A Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD30L01A Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD30L01A Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD30L01A Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD30L01A Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
STU/D30L01A
Ver 1.0
www.samhop.com.tw
Jul,27,2010
4
VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
Rg, Gate Resistance(
Ω)
Figure 11. switching characteristics
VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
110
100
1
10
100
300
VDS=50V,ID=1A
VGS=10V
TD(on)
Tr
TD(off )
Tf
120
100
80
60
40
20
0
10
0
125 C
75 C
25 C
ID=15A
10
1
60
0
0.25
0.50
0.75
1.00
1.25
25 C
125 C
Ciss
Coss
Crss
3000
2500
2000
1500
1000
500
0
10
15
20
25
30
0
5
0.1
1
10
100
100
10
1
0.3
VGS=10V
Single Pulse
TA=25 C
100
us
10u
s
10
8
6
4
2
0
048
12
16
20
24
28
32
VDS=50V
ID=15A
8
6
4
2
75 C


Similar Part No. - STUD30L01A

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STUD30L01 SAMHOP-STUD30L01 Datasheet
124Kb / 8P
Super high dense cell design for low RDS(ON).
More results

Similar Description - STUD30L01A

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com