Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCW65ALT1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # BCW65ALT1
Description  General Purpose Transistors(NPN Silicon)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BCW65ALT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  BCW65ALT1 Datasheet HTML 1Page - Leshan Radio Company BCW65ALT1 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
M11–1/2
1
3
2
General Purpose Transistors
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V CEO
32
Vdc
Collector–Base Voltage
V CBO
60
Vdc
Emitter–Base Voltage
V EBO
5.0
Vdc
Collector Current — Continuous
I C
800
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
PD
225
mW
TA = 25°C
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
556
°C/W
Total Device Dissipation
PD
300
mW
Alumina Substrate, (2) TA = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
417
°C/W
Junction and Storage Temperature
TJ , Tstg
–55 to +150
°C
DEVICE MARKING
BCW65ALT1 = EA
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
V (BR)CEO
32
Vdc
(IC = 10mAdc, I B= 0 )
Collector–Emitter Breakdown Voltage
V (BR)CES
60
Vdc
(IC = 10
µAdc, V
EB = 0 )
Emitter–Base Breakdown Voltage
(I E= 10
µAdc, I
C = 0)
V (BR)EBO
5.0
Vdc
Collector Cutoff Current
I CES
(VCE = 32 Vdc, IE = 0 )
20
nAdc
(VCE = 32 Vdc, IE = 0 , TA = 150°C)
20
µAdc
Emitter Cutoff Current
(V EB= 4.0 Vdc, I C = 0)
I EBO
20
nAdc
1. FR– 5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
BCW65ALT1
2
EMITTER
3
COLLECTOR
1
BASE
CASE 318–08, STYLE 6
SOT–23 (TO–236AB)


Similar Part No. - BCW65ALT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
General Purpose Transistor
logo
ON Semiconductor
BCW65ALT1 ONSEMI-BCW65ALT1 Datasheet
63Kb / 4P
General Purpose Transistors(NPN Silicon)?
February, 2005 ??Rev. 3
BCW65ALT1 ONSEMI-BCW65ALT1 Datasheet
33Kb / 4P
General Purpose Transistor
February, 2005 ??Rev. 3
BCW65ALT1 ONSEMI-BCW65ALT1 Datasheet
115Kb / 3P
General Purpose Transistor
August, 2009 ??Rev. 5
logo
WILLAS ELECTRONIC CORP
BCW65ALT1 WILLAS-BCW65ALT1 Datasheet
302Kb / 3P
General Purpose Transistors
More results

Similar Description - BCW65ALT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com