Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2755 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC2755
Description  Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2755 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC2755_15 Datasheet HTML 16Page - Linear Technology LTC2755_15 Datasheet HTML 17Page - Linear Technology LTC2755_15 Datasheet HTML 18Page - Linear Technology LTC2755_15 Datasheet HTML 19Page - Linear Technology LTC2755_15 Datasheet HTML 20Page - Linear Technology LTC2755_15 Datasheet HTML 21Page - Linear Technology LTC2755_15 Datasheet HTML 22Page - Linear Technology LTC2755_15 Datasheet HTML 23Page - Linear Technology LTC2755_15 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC2755
24
2755f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 0308 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT1027
Precision Reference
1ppm/°C Maximum Drift
LT1236A-5
Precision Reference
0.05% Maximum Tolerance, 1ppm 0.1Hz to 10Hz Noise
LT1468
16-Bit Accurate Op-Amp
90MHz GBW, 22V/μs Slew Rate
LT1469
Dual 16-Bit Accurate Op-Amp
90MHz GBW, 22V/μs Slew Rate
LTC1588/LTC1589/
LTC1592
Serial 12-/14-/16-Bit IOUT Single DAC
Software-Selectable (SoftSpan) Ranges, ±1LSB INL, DNL, 16-Lead SSOP Package
LTC1591/LTC1597
Parallel 14-/16-Bit IOUT Single DAC
Integrated 4-Quadrant Resistors
LTC2704
Serial 12-/14-/16-Bit VOUT Quad DACs
Software-Selectable (SoftSpan) Ranges, Integrated Amplifiers, ±1LSB INL
LTC2751
Parallel 12-/14-/16-Bit IOUT SoftSpan
Single DAC
±1LSB INL, DNL, Software-Selectable (SoftSpan) Ranges, 5mm × 7mm
QFN-38 Package
LTC2753
Parallel 12-/14-16-Bit IOUT SoftSpan Dual
DACs
±1LSB INL, DNL, Software-Selectable (SoftSpan) Ranges, 7mm × 7mm
QFN-48 Package
+
IC1A
LT1469
LTC2755-16
U1
LT1236S
U6
RVOSA
ROFSB
VREF
VREF
ROFSA
RFBB
REFB
RCOM1
RIN1
2
1
3
8
4
IN
OUT
TRIM
GND
V+
V+
V
REFA
RFBA
IOUT1A
IOUT1B
IOUT2B
IOUT2A
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
S2
S1
S0
A2
A1
A0
2
3
4
5
12
13
14
15
1
2
4
26
5
VDD
2755 TA03
15
64
63
53
54
55
62
61
60
C20
10μF
C13
10μF
C22
.001μF
DATA I/O
SPAN I/O
4
5
6
7
8
9
10
11
12
36
37
38
39
40
41
42
1
52
47
16
17
18
DAC
ADDRESS
IC1B
LT1469
6
7
5
8
4
VOUTA
59
58
RVOSB
RVOSC
IOUT1C
IOUT1D
IOUT2D
IOUT2C
RVOSD
57
56
46
C1
30pF
C2
30pF
IC2A
LT1469
2
1
3
VOUTB
V+
V
34
IC2B
LT1469
6
7
5
8
4
VOUTC
27
26
25
24
14
C1
30pF
C1
30pF
IC3A
LT1469
2
1
3
VOUTD
V+
V
WR
UPD
READ
D/S
CLR MSPAN
GND
ROFSC
ROFSD
RFBC
REFC
RCOM2
RIN2
REFD
RFBD
450k
450k
OUT
REF
4pF
150k
50k
M9
M3
6
5
M1
8
16
6
5V
9
10
1
2
3
50k
150k
450k
P1
P3
P9
450k
4pF
7
4
U4
VCC
LT1991
VEE
VCC
VREF
U2
LTC2600
GND
V
V+
DACA
DACB
DACC
DACD
DACE
DACF
DACG
DACH
CS/LD
SCK
SDI
SDO
CLR
7
8
9
10
11
SPI
INTERFACE
TO ADDITIONAL
OFFSET ADJUST
CIRCUITS
50
49
48
51
20
33
19
32
31
30
29
28
21
22
23
CONTROL
REF2
IC3B
LT1469
6
7
5
C21
001
AMPLIFIER
A2
AMPLIFIER A1
Digitally Controlled Offset Trim Circuit. Powering VDD from LT1236 Ensures Quiet Supply


Similar Part No. - LTC2755_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2755ACUP-16-PBF LINER-LTC2755ACUP-16-PBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755ACUP-16-TRPBF LINER-LTC2755ACUP-16-TRPBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755AIUP-16-PBF LINER-LTC2755AIUP-16-PBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755AIUP-16-TRPBF LINER-LTC2755AIUP-16-TRPBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755BCUP-16-PBF LINER-LTC2755BCUP-16-PBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
More results

Similar Description - LTC2755_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2755 LINER-LTC2755 Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2751 LINER-LTC2751_15 Datasheet
307Kb / 22P
   Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753_15 Datasheet
291Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2751 LINER-LTC2751 Datasheet
315Kb / 20P
   Current Output 12-/14-/16-Bit SoftSpanTM DACs with Parallel I/O
LTC2704 LINER-LTC2704_15 Datasheet
348Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704_09 Datasheet
321Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704 Datasheet
400Kb / 20P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC1588 LINER-LTC1588 Datasheet
276Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1588 LINER-LTC1588_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com