Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2755 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC2755
Description  Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2755 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC2755_15 Datasheet HTML 15Page - Linear Technology LTC2755_15 Datasheet HTML 16Page - Linear Technology LTC2755_15 Datasheet HTML 17Page - Linear Technology LTC2755_15 Datasheet HTML 18Page - Linear Technology LTC2755_15 Datasheet HTML 19Page - Linear Technology LTC2755_15 Datasheet HTML 20Page - Linear Technology LTC2755_15 Datasheet HTML 21Page - Linear Technology LTC2755_15 Datasheet HTML 22Page - Linear Technology LTC2755_15 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTC2755
19
2755f
APPLICATIONS INFORMATION
Op amp offset will contribute mostly to output offset and
gain error, and has minimal effect on INL and DNL. For
example, for the LTC2755-16 with a 5V reference in 5V
unipolar mode, a 250μV op amp offset will cause a 3.3LSB
zero-scale error and a 3.3LSB gain error; but only 0.8LSB
of INL degradation and 0.2LSB of DNL degradation.
While not directly addressed by the simple equations in
Tables 4 and 5, temperature effects can be handled just
as easily for unipolar and bipolar applications. First, con-
sult an op amp’s data sheet to find the worst-case VOS
and IB over temperature. Then, plug these numbers into
the VOS and IB equations from Table 5 and calculate the
temperature-induced effects.
For applications where fast settling time is important, Ap-
plication Note 74, Component and Measurement Advances
Ensure 16-Bit DAC Settling Time, offers a thorough discus-
sion of 16-bit DAC settling time and op amp selection.
Precision Voltage Reference Considerations
Much in the same way selecting an operational amplifier
for use with the LTC2755 is critical to the performance of
the system, selecting a precision voltage reference also
requires due diligence. The output voltage of the LTC2755
is directly affected by the voltage reference; thus, any
voltage reference error will appear as a DAC output volt-
age error.
There are three primary error sources to consider when
selecting a precision voltage reference for 16-bit appli-
cations: output voltage initial tolerance, output voltage
temperature coefficient and output voltage noise.
Initial reference output voltage tolerance, if uncorrected,
generates a full-scale error term. Choosing a reference
with low output voltage initial tolerance, like the LT1236
(±0.05%), minimizes the gain error caused by the reference;
however, a calibration sequence that corrects for system
zero- and full-scale error is always recommended.
A reference’s output voltage temperature coefficient af-
fects not only the full-scale error, but can also affect the
circuit’s apparent INL and DNL performance. If a refer-
ence is chosen with a loose output voltage temperature
coefficient, then the DAC output voltage along its transfer
characteristic will be very dependent on ambient conditions.
Minimizing the error due to reference temperature coef-
ficient can be achieved by choosing a precision reference
with a low output voltage temperature coefficient and/or
tightly controlling the ambient temperature of the circuit
to minimize temperature gradients.
As precision DAC applications move to 16-bit and higher
performance, reference output voltage noise may con-
tribute a dominant share of the system’s noise floor. This
in turn can degrade system dynamic range and signal-to-
noise ratio. Care should be exercised in selecting a voltage
reference with as low an output noise voltage as practi-
cal for the system resolution desired. Precision voltage
references, like the LT1236, produce low output noise in
the 0.1Hz to 10Hz region, well below the 16-bit LSB level
in 5V or 10V full-scale systems. However, as the circuit
bandwidths increase, filtering the output of the reference
may be required to minimize output noise.
Table 7. Partial List of LTC Precision References Recommended
for Use with the LTC2755 with Relevant Specifications
REFERENCE
INITIAL
TOLERANCE
TEMPERATURE
DRIFT
0.1Hz to 10Hz
NOISE
LT1019A-5,
LT1019A-10
±0.05%
5ppm/°C
12μVP-P
LT1236A-5,
LT1236A-10
±0.05%
5ppm/°C
3μVP-P
LT1460A-5,
LT1460A-10
±0.075%
10ppm/°C
20μVP-P
LT1790A-2.5
±0.05%
10ppm/°C
12μVP-P


Similar Part No. - LTC2755_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2755ACUP-16-PBF LINER-LTC2755ACUP-16-PBF Datasheet
431Kb / 24P
Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755ACUP-16-TRPBF LINER-LTC2755ACUP-16-TRPBF Datasheet
431Kb / 24P
Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755AIUP-16-PBF LINER-LTC2755AIUP-16-PBF Datasheet
431Kb / 24P
Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755AIUP-16-TRPBF LINER-LTC2755AIUP-16-TRPBF Datasheet
431Kb / 24P
Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755BCUP-16-PBF LINER-LTC2755BCUP-16-PBF Datasheet
431Kb / 24P
Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
More results

Similar Description - LTC2755_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2704 LINER-LTC2704 Datasheet
400Kb / 20P
Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2753 LINER-LTC2753 Datasheet
285Kb / 24P
Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC1588 LINER-LTC1588 Datasheet
276Kb / 16P
12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC2751 LINER-LTC2751 Datasheet
315Kb / 20P
Current Output 12-/14-/16-Bit SoftSpanTM DACs with Parallel I/O
LTC2755 LINER-LTC2755 Datasheet
431Kb / 24P
Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2704 LINER-LTC2704_09 Datasheet
321Kb / 22P
Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC1588 LINER-LTC1588_15 Datasheet
282Kb / 16P
12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC2704 LINER-LTC2704_15 Datasheet
348Kb / 22P
Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2751 LINER-LTC2751_15 Datasheet
307Kb / 22P
Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753_15 Datasheet
291Kb / 24P
Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com