Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2755 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2755
Description  Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2755 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2755_15 Datasheet HTML 12Page - Linear Technology LTC2755_15 Datasheet HTML 13Page - Linear Technology LTC2755_15 Datasheet HTML 14Page - Linear Technology LTC2755_15 Datasheet HTML 15Page - Linear Technology LTC2755_15 Datasheet HTML 16Page - Linear Technology LTC2755_15 Datasheet HTML 17Page - Linear Technology LTC2755_15 Datasheet HTML 18Page - Linear Technology LTC2755_15 Datasheet HTML 19Page - Linear Technology LTC2755_15 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTC2755
16
2755f
System Offset Adjustment
Many systems require compensation for overall system
offset. The RVOSX offset adjustment pins are provided for
this purpose. For noise immunity and ease of adjustment,
the control voltage is attenuated to the DAC output:
VOS = –0.01 • V(RVOSX) [0V to 5V, ±2.5V spans]
VOS = –0.02 • V(RVOSX) [0V to 10V, ±5V, –2.5V to 7.5V
spans]
VOS = –0.04 • V(RVOSX) [±10V span]
The nominal input range of this pin is ±5V; other reference
voltages of up to ±15V may be used if needed. The RVOSX
pins have an input impedance of 1MΩ. To preserve the
settling performance of the LTC2755, drive this pin with a
Thevenin-equivalent impedance of 10k or less. Short any
unused RVOSX system offset adjustment pins to GND.
Table 2. Span Codes
S2
S1
S0
SPAN
0
0
0
Unipolar 0V to 5V
0
0
1
Unipolar 0V to 10V
0
1
0
Bipolar –5V to 5V
0
1
1
Bipolar –10V to 10V
1
0
0
Bipolar –2.5V to 2.5V
1
0
1
Bipolar –2.5V to 7.5V
Codes not shown are reserved and should not be used.
Table 3. Address Codes
A2
A1
A0
DAC CHANNEL
0
0
0
DAC A
0
0
1
DAC B
0
1
0
DAC C
0
1
1
DAC D
1
1
1
ALL DACs*
Codes not shown are reserved and should not be used.
*If readback is taken using the ALL DACs address, the LTC2755 defaults
to DAC A.
OPERATION


Similar Part No. - LTC2755_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2755ACUP-16-PBF LINER-LTC2755ACUP-16-PBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755ACUP-16-TRPBF LINER-LTC2755ACUP-16-TRPBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755AIUP-16-PBF LINER-LTC2755AIUP-16-PBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755AIUP-16-TRPBF LINER-LTC2755AIUP-16-TRPBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755BCUP-16-PBF LINER-LTC2755BCUP-16-PBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
More results

Similar Description - LTC2755_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2755 LINER-LTC2755 Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2751 LINER-LTC2751_15 Datasheet
307Kb / 22P
   Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753_15 Datasheet
291Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2751 LINER-LTC2751 Datasheet
315Kb / 20P
   Current Output 12-/14-/16-Bit SoftSpanTM DACs with Parallel I/O
LTC2704 LINER-LTC2704_15 Datasheet
348Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704_09 Datasheet
321Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704 Datasheet
400Kb / 20P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC1588 LINER-LTC1588 Datasheet
276Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1588 LINER-LTC1588_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com