Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2755 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2755
Description  Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2755 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2755_15 Datasheet HTML 10Page - Linear Technology LTC2755_15 Datasheet HTML 11Page - Linear Technology LTC2755_15 Datasheet HTML 12Page - Linear Technology LTC2755_15 Datasheet HTML 13Page - Linear Technology LTC2755_15 Datasheet HTML 14Page - Linear Technology LTC2755_15 Datasheet HTML 15Page - Linear Technology LTC2755_15 Datasheet HTML 16Page - Linear Technology LTC2755_15 Datasheet HTML 17Page - Linear Technology LTC2755_15 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC2755
14
2755f
Output Ranges
The LTC2755 is a quad current-output, parallel-input
precision multiplying DAC with selectable output ranges.
Rangescaneitherbeprogrammedinsoftwareformaximum
flexibility, or hardwired through pin-strapping for greatest
ease of use. Two unipolar ranges are available (0V to 5V
and 0V to 10V), and four bipolar ranges (±2.5V, ±5V, ±10V
and –2.5V to 7.5V). These ranges are obtained when an
external precision 5V reference is used. When a reference
voltage of 2V is used, the ranges become: 0V to 2V, 0V
to 4V, ±1V, ±2V, ±4V and –1V to 3V. The output ranges are
linearly scaled for references other than 2V and 5V.
Digital Section
The LTC2755 has 4 internal registers for each DAC, a total
of 16 registers (see Block Diagram). Each DAC channel
has two sets of double-buffered registers—one set for
the data, and one set for the span (output range) of the
DAC. The double-buffered feature provides the capability
to simultaneously update the span and code, which al-
lows smooth voltage transitions when changing output
ranges. It also permits the simultaneous updating of
multiple DACs.
Each set of double-buffered registers comprises an input
register and a DAC register. The input registers are holding
buffers—when data is loaded into an input register via a
write operation, the DAC outputs are not affected.
The contents of a DAC register, on the other hand, di-
rectly control the DAC output voltage or output range.
The contents of the DAC registers are changed by copying
the contents of an input register into its associated DAC
register via an update operation.
Write and Update Operations
The data input register of the addressed DAC is loaded
directly from a 16-bit microprocessor bus by holding the
D/S pin low and pulsing the WR pin low (write operation).
The DAC register is loaded by pulsing the UPD pin high
(update operation), which copies the data held in the input
register into the DAC register. Note that updates always
include both data and span; but the DAC register values
will not change unless the associated input register values
have previously been changed via a write operation.
Loading the span input register is accomplished similarly,
holding the D/S pin high and pulsing the WR pin low. The
span and data register structures are the same except for
the number of parallel bits—the span registers have 3 bits,
while the data registers have 12, 14 or 16 bits.
To make both registers transparent for flowthrough
mode, tie WR low and UPD high. However, this defeats
the deglitcher operation and output glitch impulse may
increase. The deglitcher is activated on the rising edge
of the UPD pin.
The interface also allows the use of the input and DAC
registers in a master-slave, or edge-triggered, configura-
tion. This mode of operation occurs when WR and UPD
are tied together and driven by a single clock signal. The
data bits are loaded into the input register on the falling
edge of the clock and then loaded into the DAC register
on the rising edge.
It is possible to control both data and span on one 16-bit
wide data bus by allowing span pins S2 to S0 to share
bus lines with the data LSBs (D2 to D0). No write or read
operation includes both span and data, so there cannot
be a conflict.
The asynchronous clear pin resets all DACs to 0V in any
output range. CLR resets all data registers, while leaving
the span registers undisturbed.
OPERATION
Figure 1. Using MSPAN to Configure the LTC2755 for Single-Span
Operation (±10V Range).
LTC2755-16
MSPAN
S2
S1
S0
D/S
2755 F01
WR UPD READ A2
DAC ADDRESS
A1 A0
DATA
I/O
VDD
VDD
DAC A
±10V
±10V
±10V
±10V
DAC B
DAC C
DAC D
16
+
+
+
+


Similar Part No. - LTC2755_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2755ACUP-16-PBF LINER-LTC2755ACUP-16-PBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755ACUP-16-TRPBF LINER-LTC2755ACUP-16-TRPBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755AIUP-16-PBF LINER-LTC2755AIUP-16-PBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755AIUP-16-TRPBF LINER-LTC2755AIUP-16-TRPBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755BCUP-16-PBF LINER-LTC2755BCUP-16-PBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
More results

Similar Description - LTC2755_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2755 LINER-LTC2755 Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2751 LINER-LTC2751_15 Datasheet
307Kb / 22P
   Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753_15 Datasheet
291Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2751 LINER-LTC2751 Datasheet
315Kb / 20P
   Current Output 12-/14-/16-Bit SoftSpanTM DACs with Parallel I/O
LTC2704 LINER-LTC2704_15 Datasheet
348Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704_09 Datasheet
321Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704 Datasheet
400Kb / 20P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC1588 LINER-LTC1588 Datasheet
276Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1588 LINER-LTC1588_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com