Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2755 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2755
Description  Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2755 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2755_15 Datasheet HTML 7Page - Linear Technology LTC2755_15 Datasheet HTML 8Page - Linear Technology LTC2755_15 Datasheet HTML 9Page - Linear Technology LTC2755_15 Datasheet HTML 10Page - Linear Technology LTC2755_15 Datasheet HTML 11Page - Linear Technology LTC2755_15 Datasheet HTML 12Page - Linear Technology LTC2755_15 Datasheet HTML 13Page - Linear Technology LTC2755_15 Datasheet HTML 14Page - Linear Technology LTC2755_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC2755
11
2755f
PIN FUNCTIONS
READ (Pin 49): Read Pin. When READ is asserted high,
the data I/O (D0-D15) or span I/O (S0-S2) port outputs the
contents of the selected register (see Table 1). For single-
span operation, readback of the span I/O pins is disabled,
since they must be tied directly to GND and/or VDD.
UPD (Pin 50): Update and Buffer Select Pin. When UPD
is asserted high with READ held low, the contents of the
addressed DAC’s input registers (both data and span) are
copied into their respective DAC registers. The output of the
DAC is updated, reflecting the new DAC register values.
When READ is held high (during a read operation), the
update function is disabled and the UPD pin functions as
a buffer selector—logic low to read back the input register,
high to read back the DAC register. See Readback in the
Operation section.
WR (Pin 51): Active Low Write Pin. A Write operation cop-
ies the data present on the data or span I/O pins (D0-D15
or S0-S2, respectively) into the associated input register.
When READ is high, the Write function is disabled.
S1 (Pin 52): Span I/O Bit 1. Pins S0, S1 and S2 are used to
program and to read back the output ranges of the DACs.
REFB (Pin 53): Reference Input for DAC B. The imped-
ance looking into this pin is 10k to ground. For normal
operation tie this pin to the negative reference voltage at
the output of reference inverting amplifier A1 (see Typical
Applications). Typically –5V; accepts up to ±15V.
ROFSB (Pin 54): Bipolar Offset Network for DAC B. This
pin provides the translation of the output voltage range for
bipolar spans. Accepts up to ±15V; for normal operation
tie to the positive reference voltage at RIN1 (Pin 64). The
impedance looking into this pin is 20k to ground.
RFBB (Pin 55): DAC B Feedback Resistor. For normal
operation tie to the output of the I/V converter amplifier
for DAC B (see Typical Applications). The DAC output
current from IOUT1B flows through the feedback resistor
to the RFBB pin. The impedance looking into this pin is
10k to ground.
IOUT1B (Pin 56): DAC B Current Output. This pin is a virtual
ground when the DAC is operating and should reside at
0V. For normal operation tie to the negative input of the I/V
converter amplifier for DAC B (see Typical Applications).
RVOSB (Pin 57): DAC B Offset Adjust. Nominal input range
is ±5V. The impedance looking into this pin is 1M to ground.
If not used, tie RVOSB to ground.
RVOSA (Pin 58): DAC A Offset Adjust. Nominal input range
is ±5V. The impedance looking into this pin is 1M to ground.
If not used, tie RVOSA to ground.
IOUT1A (Pin 59): DAC A Current Output. This pin is a virtual
ground when the DAC is operating and should reside at
0V. For normal operation tie to the negative input of the I/V
converter amplifier for DAC A (see Typical Applications).
RFBA (Pin 60): DAC A Feedback Resistor. For normal
operation tie to the output of the I/V converter amplifier
for DAC A (see Typical Applications). The DAC output
current from IOUT1A flows through the feedback resistor
to the RFBA pin. The impedance looking into this pin is
10k to ground.
ROFSA (Pin 61): Bipolar Offset Network for DAC A. This
pin provides the translation of the output voltage range for
bipolar spans. Accepts up to ±15V; for normal operation
tie to the positive reference voltage at RIN1 (Pin 64). The
impedance looking into this pin is 20k to ground.
REFA (Pin 62): Reference Input for DAC A, and connec-
tion for internal reference inverting resistor R2. The 20k
resistor R2 is connected internally from RCOM1 to REFA.
For normal operation tie this pin to the output of reference
inverting amplifier A1 (see Typical Applications). Typically
–5V; accepts up to ±15V. The impedance looking into this
pin is 10k to ground (RIN1 and RCOM1 floating).
RCOM1 (Pin 63): Center Tap Point for Reference Ampli-
fier A1 Inverting Resistors. The 20k reference inverting
resistors R1 and R2 are connected internally from RIN1
to RCOM1 and from RCOM1 to REFA, respectively (see
Block Diagram). For normal operation tie RCOM1 to the
negative input of external reference inverting amplifier A1
(see Typical Applications).
RIN1 (Pin 64): Input Resistor R1 for Reference Inverting
Amplifier A1. The 20k resistor R1 is connected internally
from RIN1 to RCOM1. For normal operation tie RIN1 to
the external reference voltage VREF1 (see Typical Applica-
tions). Typically 5V; accepts up to ±15V.
Exposed Pad (Pin 65): Ground. The Exposed Pad must
be soldered to the PCB.


Similar Part No. - LTC2755_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2755ACUP-16-PBF LINER-LTC2755ACUP-16-PBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755ACUP-16-TRPBF LINER-LTC2755ACUP-16-TRPBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755AIUP-16-PBF LINER-LTC2755AIUP-16-PBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755AIUP-16-TRPBF LINER-LTC2755AIUP-16-TRPBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755BCUP-16-PBF LINER-LTC2755BCUP-16-PBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
More results

Similar Description - LTC2755_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2755 LINER-LTC2755 Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2751 LINER-LTC2751_15 Datasheet
307Kb / 22P
   Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753_15 Datasheet
291Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2751 LINER-LTC2751 Datasheet
315Kb / 20P
   Current Output 12-/14-/16-Bit SoftSpanTM DACs with Parallel I/O
LTC2704 LINER-LTC2704_15 Datasheet
348Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704_09 Datasheet
321Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704 Datasheet
400Kb / 20P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC1588 LINER-LTC1588 Datasheet
276Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1588 LINER-LTC1588_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com