Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2755 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2755
Description  Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2755 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2755_15 Datasheet HTML 6Page - Linear Technology LTC2755_15 Datasheet HTML 7Page - Linear Technology LTC2755_15 Datasheet HTML 8Page - Linear Technology LTC2755_15 Datasheet HTML 9Page - Linear Technology LTC2755_15 Datasheet HTML 10Page - Linear Technology LTC2755_15 Datasheet HTML 11Page - Linear Technology LTC2755_15 Datasheet HTML 12Page - Linear Technology LTC2755_15 Datasheet HTML 13Page - Linear Technology LTC2755_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC2755
10
2755f
PIN FUNCTIONS
RVOSD (Pin 25): DAC D Offset Adjust. Nominal input range
is ±5V. The impedance looking into this pin is 1M to ground.
If not used, tie RVOSD to ground.
RVOSC (Pin 26): DAC C Offset Adjust. Nominal input range
is ±5V. The impedance looking into this pin is 1M to ground.
If not used, tie RVOSC to ground.
IOUT1C (Pin 27): DAC C Current Output. This pin is a virtual
ground when the DAC is operating and should reside at
0V. For normal operation tie to the negative input of the I/V
converter amplifier for DAC C (see Typical Applications).
RFBC (Pin 28): DAC C Feedback Resistor. For normal
operation tie to the output of the I/V converter amplifier
for DAC C (see Typical Applications). The DAC output
current from IOUT1C flows through the feedback resistor
to the RFBC pin. The impedance looking into this pin is
10k to ground.
ROFSC (Pin 29): Bipolar Offset Network for DAC C. This
pin provides the translation of the output voltage range for
bipolar spans. Accepts up to ±15V; for normal operation
tie to the positive reference voltage at RIN2 (Pin 32). The
impedance looking into this pin is 20k to ground.
REFC (Pin 30): Reference Input for DAC C, and connec-
tion for internal reference inverting resistor R4. The 20k
resistor R4 is connected internally from RCOM2 to REFC.
For normal operation tie this pin to the output of reference
inverting amplifier A2 (see Typical Applications). Typically
–5V; accepts up to ±15V. The impedance looking into this
pin is 10k to ground (RIN2 and RCOM2 floating).
RCOM2 (Pin 31): Center Tap Point for the Reference Ampli-
fier A2 Inverting Resistors. The 20k reference inverting
resistors R3 and R4 are connected internally from RIN2 to
RCOM2 and from RCOM2 to REFC, respectively (see Block
Diagram). For normal operation tie RCOM2 to the negative
input of external reference inverting amplifier A2 (see
Typical Applications).
RIN2 (Pin 32): Input Resistor R3 for Reference Inverting
Amplifier A2. The 20k resistor R3 is connected internally
from RIN2 to RCOM2. For normal operation tie RIN2 to the
external reference voltage VREF2 (seeTypicalApplications).
Typically 5V; accepts up to ±15V.
MSPAN (Pin 33): Manual Span Control Pin. MSPAN is used
to configure the LTC2755 for operation in a single, fixed
output range. When configured for single-span operation,
the output range is set via hardware pin strapping. The
span I/O port’s input, and DAC, registers are transparent
and do not respond to write or update commands.
To configure the part for single-span use, tie MSPAN directly
to VDD. If MSPAN is instead connected to GND (SoftSpan
configuration), the output ranges are set and verified by
using write, update and read operations. See Manual Span
Configuration in the Operation section. MSPAN must be
connected either directly to GND (SoftSpan configuration)
or VDD, Pin 15 (single-span configuration).
IOUT2C (Pin 34): DAC C Current Output Complement. Tie
IOUT2C to ground.
GND (Pin 35): Shield Ground, provides necessary shield-
ing for IOUT2C. Tie to ground.
D0-D2 (Pins 36-38): LTC2755-12 Only. DAC Input/Output
Data Bits. These I/O pins set and read back the DAC code.
D0 is the LSB.
D0-D4 (Pins 36-40): LTC2755-14 Only. DAC Input/Output
Data Bits. These I/O pins set and read back the DAC code.
D0 is the LSB.
D0-D6 (Pins 36-42): LTC2755-16 Only. DAC Input/Output
Data Bits. These I/O pins set and read back the DAC code.
D0 is the LSB.
NC (Pins 39-44): LTC2755-12 Only. No Internal Connection.
NC (Pins 41-44): LTC2755-14 Only. No Internal Connection.
NC (Pins 43-44): LTC2755-16 Only. No Internal Connection.
GND (Pin 45): Shield Ground, provides necessary shield-
ing for IOUT2B. Tie to ground.
IOUT2B (Pin 46): DAC B Current Output Complement. Tie
IOUT2B to ground.
S0 (Pin 47): Span I/O Bit 0. Pins S0, S1 and S2 are used
to program and to read back the output ranges of the
DACs.
D/S (Pin 48): Data/Span Select. This pin is used to select
the data I/O port or the span I/O port (D0 to D15 or S0 to
S2, respectively), along with their respective dedicated
registers, for write and read operations. Update opera-
tions ignore D/S, since all updates affect both data and
span registers. See Table 1. For single-span operation,
tie D/S to ground.


Similar Part No. - LTC2755_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2755ACUP-16-PBF LINER-LTC2755ACUP-16-PBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755ACUP-16-TRPBF LINER-LTC2755ACUP-16-TRPBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755AIUP-16-PBF LINER-LTC2755AIUP-16-PBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755AIUP-16-TRPBF LINER-LTC2755AIUP-16-TRPBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755BCUP-16-PBF LINER-LTC2755BCUP-16-PBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
More results

Similar Description - LTC2755_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2755 LINER-LTC2755 Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2751 LINER-LTC2751_15 Datasheet
307Kb / 22P
   Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753_15 Datasheet
291Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2751 LINER-LTC2751 Datasheet
315Kb / 20P
   Current Output 12-/14-/16-Bit SoftSpanTM DACs with Parallel I/O
LTC2704 LINER-LTC2704_15 Datasheet
348Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704_09 Datasheet
321Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704 Datasheet
400Kb / 20P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC1588 LINER-LTC1588 Datasheet
276Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1588 LINER-LTC1588_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com