Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2755 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2755
Description  Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2755 Datasheet(HTML) 1 Page - Linear Technology

  LTC2755_15 Datasheet HTML 1Page - Linear Technology LTC2755_15 Datasheet HTML 2Page - Linear Technology LTC2755_15 Datasheet HTML 3Page - Linear Technology LTC2755_15 Datasheet HTML 4Page - Linear Technology LTC2755_15 Datasheet HTML 5Page - Linear Technology LTC2755_15 Datasheet HTML 6Page - Linear Technology LTC2755_15 Datasheet HTML 7Page - Linear Technology LTC2755_15 Datasheet HTML 8Page - Linear Technology LTC2755_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC2755
1
2755f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Quad Current Output
12-/14-/16-Bit SoftSpan
DACs with Parallel I/O
The LTC®2755 is a family of quad 12-, 14-, and 16-bit
multiplying parallel-input, current-output DACs. These
DACs operate from a single 2.7V to 5.5V supply and are all
guaranteedmonotonicovertemperature.TheLTC2755A-16
provides 16-bit performance (±1LSB INL and DNL) over
temperature without any adjustments. These SoftSpan™
DACs offer six output ranges—two unipolar and four
bipolar—that can be programmed through the parallel
interface, or pinstrapped for operation in a single range.
The LTC2755 DACs use a bidirectional input/output paral-
lel interface that allows readback of any internal register,
including the DAC output span settings. A power-on reset
circuit resets the DAC outputs to 0V when power is initially
applied. A logic low on the CLR pin asynchronously clears
the DACs to 0V in any output range.
The parts are specified over commercial and industrial
temperature ranges.
Quad 16-Bit VOUT DAC with Software-Selectable Ranges
Program or Pin-Strap Six Output Ranges
Unipolar: 0V to 5V, 0V to 10V
Bipolar: ±5V, ±10V, ±2.5V, –2.5V to 7.5V
Maximum 16-Bit INL Error: ±1 LSB over Temperature
Low 1μA (Maximum) Supply Current
Guaranteed Monotonic over Temperature
Low Glitch Impulse 1nV•s
2.7V to 5.5V Single Supply Operation
2μs Settling Time to ±1 LSB
Parallel Interface with Readback of All Registers
Asynchronous CLR Pin Clears DAC Outputs to 0V in
Any Output Range
Power-On Reset to 0V
64-Pin 9mm × 9mm QFN Package
High Resolution Offset and Gain Adjustment
Process Control and Industrial Automation
Automatic Test Equipment
Data Acquisition Systems
LTC2755-16 Integral Nonlinearity (INL)
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
SoftSpan is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Protected by U.S. Patents, including 7034735,
7256721.
2755 TA01
VREF2
5V
VREF1
5V
SPAN I/O
DATA I/O
+
DAC C
IOUT1C
RFBC
ROFSC
ROFSB
REFD
ROFSD
ROFSA
MSPAN
GND
RIN2
RIN1
REFC
REFA REFB
RCOM2
RCOM1
LTC2755-16
IOUT2C
IOUT1D
IOUT2A
IOUT1A
RFBA
RVOSA
RFBD
IOUT2D
RVOSD
RVOSC
VOUTC
VOUTD
VOUTA
DAC D
5V
0.1μF
+
DAC B
IOUT2B
RFBB
VDD
IOUT1B
RVOSB
VOUTB
+
+
I/O PORT
I/O PORT
DAC A
+
CODE
0
–1.0
–0.8
–0.4
–0.2
0.0
1.0
0.4
16384
32768
–0.6
0.6
0.8
0.2
49152
65535
2755 TA01b
25°C
90°C
–45°C
VDD = 5V
VREF = 5V
±10V RANGE
SINGLE
DUAL
QUAD
Part Number
LTC2751
LTC2753
LTC2755
SoftSpan Parallel IOUT DAC Selector Guide


Similar Part No. - LTC2755_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2755ACUP-16-PBF LINER-LTC2755ACUP-16-PBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755ACUP-16-TRPBF LINER-LTC2755ACUP-16-TRPBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755AIUP-16-PBF LINER-LTC2755AIUP-16-PBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755AIUP-16-TRPBF LINER-LTC2755AIUP-16-TRPBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755BCUP-16-PBF LINER-LTC2755BCUP-16-PBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
More results

Similar Description - LTC2755_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2755 LINER-LTC2755 Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2751 LINER-LTC2751_15 Datasheet
307Kb / 22P
   Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753_15 Datasheet
291Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2751 LINER-LTC2751 Datasheet
315Kb / 20P
   Current Output 12-/14-/16-Bit SoftSpanTM DACs with Parallel I/O
LTC2704 LINER-LTC2704_15 Datasheet
348Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704_09 Datasheet
321Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704 Datasheet
400Kb / 20P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC1588 LINER-LTC1588 Datasheet
276Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1588 LINER-LTC1588_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com