Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2755 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2755
Description  Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2755 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2755_15 Datasheet HTML 5Page - Linear Technology LTC2755_15 Datasheet HTML 6Page - Linear Technology LTC2755_15 Datasheet HTML 7Page - Linear Technology LTC2755_15 Datasheet HTML 8Page - Linear Technology LTC2755_15 Datasheet HTML 9Page - Linear Technology LTC2755_15 Datasheet HTML 10Page - Linear Technology LTC2755_15 Datasheet HTML 11Page - Linear Technology LTC2755_15 Datasheet HTML 12Page - Linear Technology LTC2755_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC2755
9
2755f
Midscale Glitch
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
LTC2755-12, LTC2755-14, LTC2755-16
PIN FUNCTIONS
S2 (Pin 1): Span I/O Bit 2. Pins S0, S1 and S2 are used
to program and to read back the output ranges of the
DACs.
IOUT2A (Pin 2): DAC A Current Output Complement. Tie
IOUT2A to ground.
GND (Pin 3): Shield Ground, provides necessary shielding
for IOUT2A. Tie to ground.
D3-D11 (Pins 4-12): LTC2755-12 Only. DAC Input/Output
Data Bits. These I/O pins set and read back the DAC code.
D11 is the MSB.
D5-D13 (Pins 4-12): LTC2755-14 Only. DAC Input/Output
Data Bits. These I/O pins set and read back the DAC code.
D13 is the MSB.
D7-D15 (Pins 4-12): LTC2755-16 Only. DAC Input/Output
Data Bits. These I/O pins set and read back the DAC code.
D15 is the MSB.
GND (Pin 13): Shield Ground, provides necessary shielding
for IOUT2D. Tie to ground.
IOUT2D (Pin 14): DAC D Current Output Complement. Tie
IOUT2D to ground.
VDD (Pin 15): Positive Supply Input; 2.7V ≤ VDD ≤ 5.5V.
Requires a 0.1μF bypass capacitor to GND.
A2 (Pin 16): DAC Address Bit 2. See Table 3.
A1 (Pin 17): DAC Address Bit 1. See Table 3.
A0 (Pin 18): DAC Address Bit 0. See Table 3.
GND (Pin 19): Ground. Tie to ground.
CLR (Pin 20): Asynchronous Clear. When CLR is taken
to a logic low, the data registers are reset to the zero-volt
code (VOUT = 0V) for the present output range.
REFD (Pin 21): Reference Input for DAC D. The imped-
ance looking into this pin is 10k to ground. For normal
operation tie this pin to the negative reference voltage at
the output of reference inverting amplifier A2 (see Typical
Applications). Typically –5V; accepts up to ±15V.
ROFSD (Pin 22): Bipolar Offset Network for DAC D. This
pin provides the translation of the output voltage range for
bipolar spans. Accepts up to ±15V; for normal operation
tie to the positive reference voltage at RIN2 (Pin 32). The
impedance looking into this pin is 20k to ground.
RFBD (Pin 23): DAC D Feedback Resistor. For normal
operation tie to the output of the I/V converter amplifier
for DAC D (see Typical Applications). The DAC output
current from IOUT1D flows through the feedback resistor
to the RFBD pin. The impedance looking into this pin is
10k to ground.
IOUT1D (Pin 24): DAC D Current Output. This pin is a virtual
ground when the DAC is operating and should reside at 0V.
For normal operation tie to the negative input of the I/V
converter amplifier for DAC D (see Typical Applications).
500ns/DIV
UPD
5V/DIV
GATED
SETTLING
WAVEFORM
250μV/DIV
2755 G10
USING LT1469 AMP
CFEEDBACK = 12pF
0V TO 10V STEP
Settling 0V to 10V
500ns/DIV
2755 G20
RISING MAJOR CARRY TRANSITION.
FALLING TRANSITION IS SIMILAR OR BETTER.
UPD
5V/DIV
VOUT
2mV/DIV
UNIPOLAR 5V OUTPUT RANGE
LT1469 OUTPUT AMPLIFIER
CFEEDBACK = 27pF
VDD = 5V, VREF = 5V
1nV • s TYP


Similar Part No. - LTC2755_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2755ACUP-16-PBF LINER-LTC2755ACUP-16-PBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755ACUP-16-TRPBF LINER-LTC2755ACUP-16-TRPBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755AIUP-16-PBF LINER-LTC2755AIUP-16-PBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755AIUP-16-TRPBF LINER-LTC2755AIUP-16-TRPBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755BCUP-16-PBF LINER-LTC2755BCUP-16-PBF Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
More results

Similar Description - LTC2755_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2755 LINER-LTC2755 Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2751 LINER-LTC2751_15 Datasheet
307Kb / 22P
   Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753_15 Datasheet
291Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2751 LINER-LTC2751 Datasheet
315Kb / 20P
   Current Output 12-/14-/16-Bit SoftSpanTM DACs with Parallel I/O
LTC2704 LINER-LTC2704_15 Datasheet
348Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704_09 Datasheet
321Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704 Datasheet
400Kb / 20P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC1588 LINER-LTC1588 Datasheet
276Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1588 LINER-LTC1588_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com