Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMU217 Datasheet(PDF) 4 Page - LOGIC Devices Incorporated

Part # LMU217
Description  16 x 16-bit Parallel multiplier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LMU217 Datasheet(HTML) 4 Page - LOGIC Devices Incorporated

  LMU217 Datasheet HTML 1Page - LOGIC Devices Incorporated LMU217 Datasheet HTML 2Page - LOGIC Devices Incorporated LMU217 Datasheet HTML 3Page - LOGIC Devices Incorporated LMU217 Datasheet HTML 4Page - LOGIC Devices Incorporated LMU217 Datasheet HTML 5Page - LOGIC Devices Incorporated LMU217 Datasheet HTML 6Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DEVICES INCORPORATED
LMU217
16 x 16-bit Parallel Multiplier
Multipliers
08/16/2000–LDS.217-H
4
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
12345678901234567890123456789
SWITCHING CHARACTERISTICS
SWITCHING WAVEFORMS
HIGH IMPEDANCE
INPUT
tENA
tDIS
tPW
tPW
tMC
tPW
tH
tS
CLK
OEM
OEL
R31-0
tD
tMUC
tSEL
MSPSEL
tH
tS
ENA, ENB
ENR
LMU217–
75*
65*
55*
40*
30*
25*
Symbol
Parameter
Min Max Min Max Min Max Min Max Min Max Min Max
tMC
Clocked Multiply Time
75
65
55
40
30
25
tMUC
Unclocked Multiply Time
95
85
75
60
43
38
tPW
Clock Pulse Width
20
15
15
15
10
10
tS
Input Setup Time
15
15
15
15
12
12
tH
Input Hold Time
3
3
3
2
2
2
tD
Output Delay
35
30
30
25
20
20
tSEL
Output Select Delay
30
30
30
25
20
20
tENA
Three-State Output Enable Delay (Note 11)
25
25
25
25
20
20
tDIS
Three-State Output Disable Delay (Note 11)
25
25
25
25
20
20
LMU217–
65*
55*
45*
35
25
20*
Symbol
Parameter
Min Max Min Max Min Max Min Max Min Max Min Max
tMC
Clocked Multiply Time
65
55
45
35
25
20
tMUC
Unclocked Multiply Time
85
75
65
55
38
30
tPW
Clock Pulse Width
15
15
15
10
10
9
tS
Input Setup Time
15
15
15
12
12
11
tH
Input Hold Time
3
3
3
1
1
1
tD
Output Delay
30
30
30
25
20
18
tSEL
Output Select Delay
25
25
25
25
20
18
tENA
Three-State Output Enable Delay (Note 11)
25
25
25
25
20
18
tDIS
Three-State Output Disable Delay (Note 11)
25
25
25
25
20
18
COMMERCIAL OPERATING RANGE (0°C to +70°C) Notes 9, 10 (ns)
MILITARY OPERATING RANGE (–55°C to +125°C) Notes 9, 10 (ns)
123456789012345678901234
123456789012345678901234
123456789012345678901234
*DISCONTINUED SPEED GRADE


Similar Part No. - LMU217

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LMU216JC20 LODEV-LMU216JC20 Datasheet
188Kb / 7P
16 x 16-bit Parallel Multiplier
LMU216JC25 LODEV-LMU216JC25 Datasheet
188Kb / 7P
16 x 16-bit Parallel Multiplier
More results

Similar Description - LMU217

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7210L IDT-IDT7210L Datasheet
167Kb / 10P
16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
logo
Intersil Corporation
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
16 x 16-Bit CMOS Parallel Multiplier
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
16 x 16-Bit CMOS Parallel Multiplier
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
16 x 16-bit Multiplier-Accumulator
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
16 x 16-bit Parallel Multiplier
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
16 x 16-bit Parallel Multiplier
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
16 X 16 Bit Complex Multiplier
logo
List of Unclassifed Man...
AM29517 ETC-AM29517 Datasheet
497Kb / 16P
16 X 16 BIT PARALLEL MULTIPLIERS
logo
Intersil Corporation
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
16 x 16-Bit CMOS Parallel Multiplier Accumulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com