Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMU217 Datasheet(PDF) 1 Page - LOGIC Devices Incorporated

Part # LMU217
Description  16 x 16-bit Parallel multiplier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LMU217 Datasheet(HTML) 1 Page - LOGIC Devices Incorporated

  LMU217 Datasheet HTML 1Page - LOGIC Devices Incorporated LMU217 Datasheet HTML 2Page - LOGIC Devices Incorporated LMU217 Datasheet HTML 3Page - LOGIC Devices Incorporated LMU217 Datasheet HTML 4Page - LOGIC Devices Incorporated LMU217 Datasheet HTML 5Page - LOGIC Devices Incorporated LMU217 Datasheet HTML 6Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DEVICES INCORPORATED
LMU217
16 x 16-bit Parallel Multiplier
Multipliers
08/16/2000–LDS.217-H
1
RND is loaded on the rising edge of
CLK, provided either ENA or ENB are
LOW. RND, when HIGH, adds ‘1’ to
the most significant bit position of the
least significant half of the product.
Subsequent truncation of the 16 least
significant bits produces a result
correctly rounded to 16-bit precision.
At the output, the Right Shift control
(RS) selects either of two output formats.
RS LOW produces a 31-bit product
with a copy of the sign bit inserted in the
MSB postion of the least significant half.
RS HIGH gives a full 32-bit product. Two
16-bit output registers are provided to
hold the most and least significant
halves of the result (MSP and LSP) as
defined by RS.
These registers are
loaded on the rising edge of CLK, subject
to the ENR control.
When ENR is
HIGH, clocking of the result registers is
prevented.
For asynchronous output, these registers
may be made transparent by setting the
feed through control (FT) HIGH and
ENR LOW.
The two halves of the product may be
routed to a single 16-bit three-state
output port (MSP) via a multiplexer.
MSPSEL LOW causes the MSP outputs
to be driven by the most significant half
of the result. MSPSEL HIGH routes the
least significant half of the result to the
MSP pins.
In addition, the LSP is
available via the B port through a sepa-
rate three-state buffer.
u
u
u
u
u 25 ns Worst-Case Multiply Time
u
u
u
u
u Low Power CMOS Technology
u
u
u
u
u Replaces Cypress CY7C517,
IDT 7217L, and AMD Am29517
u
u
u
u
u Single Clock Architecture with
Register Enables
u
u
u
u
u Two’s Complement, Unsigned, or
Mixed Operands
u
u
u
u
u Three-State Outputs
u
u
u
u
u 68-pin PLCC, J-Lead
FEATURES
DESCRIPTION
LMU217
16 x 16-bit Parallel multiplier
DEVICES INCORPORATED
The LMU217 is a high-speed, low
power 16-bit parallel multiplier.
The LMU217 produces the 32-bit prod-
uct of two 16-bit numbers. Data present
at the A inputs, along with the TCA
control bit, is loaded into the A register
on the rising edge of CLK. B data and
the TCB control bit are similarly
loaded.
Loading of the A and B
registers is controlled by the ENA and
ENB controls. When HIGH, these con-
trols prevent application of the clock to
the respective register. The TCA and
TCB controls specify the operands as
two’s complement when HIGH, or
unsigned magnitude when LOW.
LMU217 BLOCK DIAGRAM
A REGISTER
B REGISTER
REGISTER
RESULT
ENA
ENB
RND
FT
16
16
32
16
16
16
OEM
OEL
A15-0
R31-16
TCA
TCB
RS
ENR
FORMAT ADJUST
16
B15-0/
R15-0
MSPSEL
CLK


Similar Part No. - LMU217

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LMU216JC20 LODEV-LMU216JC20 Datasheet
188Kb / 7P
16 x 16-bit Parallel Multiplier
LMU216JC25 LODEV-LMU216JC25 Datasheet
188Kb / 7P
16 x 16-bit Parallel Multiplier
More results

Similar Description - LMU217

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
16 x 16-bit Parallel Multiplier
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
16 x 16-bit Parallel Multiplier
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
16 x 16-Bit CMOS Parallel Multiplier
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
16 x 16-Bit CMOS Parallel Multiplier
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
Integrated Device Techn...
IDT7210L IDT-IDT7210L Datasheet
167Kb / 10P
16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
16 X 16 Bit Complex Multiplier
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
16 x 16-bit Multiplier-Accumulator
logo
List of Unclassifed Man...
AM29517 ETC-AM29517 Datasheet
497Kb / 16P
16 X 16 BIT PARALLEL MULTIPLIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com