Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMU18 Datasheet(PDF) 6 Page - LOGIC Devices Incorporated

Part # LMU18
Description  16 x 16-bit Parallel Multiplier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LMU18 Datasheet(HTML) 6 Page - LOGIC Devices Incorporated

  LMU18 Datasheet HTML 1Page - LOGIC Devices Incorporated LMU18 Datasheet HTML 2Page - LOGIC Devices Incorporated LMU18 Datasheet HTML 3Page - LOGIC Devices Incorporated LMU18 Datasheet HTML 4Page - LOGIC Devices Incorporated LMU18 Datasheet HTML 5Page - LOGIC Devices Incorporated LMU18 Datasheet HTML 6Page - LOGIC Devices Incorporated LMU18 Datasheet HTML 7Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DEVICES INCORPORATED
LMU18
16 x 16-bit Parallel Multiplier
Multipliers
08/16/2000–LDS.18-O
6
84-pin
ORDERING INFORMATION
0°C to +70°C — COMMERCIAL SCREENING
Speed
45 ns
35 ns
Plastic J-Lead Chip Carrier
(J3)
LMU18JC45
LMU18JC35
1
2
3
4
5
6
7
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
84 83 82 81 80 79
44
43
45 46 47
49
38
37
39 40 41 42
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
48
Top
View
8
9
10
11
78 77 76 75
36
35
34
33
50 51 52 53
B10
B11
B12
B13
B14
B15
ENB
CLK
OEL
GND
VCC
R0
R1
R2
R3
R4
R5
R6
R7
R8
R9
A11
A12
A13
A14
A15
ENA
RND
TCA
TCB
VCC
GND
GND
MSPSEL
FT
RS
OEM
ENR
R31
R31
R30
R29


Similar Part No. - LMU18

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
LMU1117 KEXIN-LMU1117 Datasheet
95Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
LOGIC Devices Incorpora...
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
12 x 12-bit Parallel Multiplier
LMU112JC25 LODEV-LMU112JC25 Datasheet
46Kb / 6P
12 x 12-bit Parallel Multiplier
LMU112JC50 LODEV-LMU112JC50 Datasheet
46Kb / 6P
12 x 12-bit Parallel Multiplier
LMU112PC25 LODEV-LMU112PC25 Datasheet
46Kb / 6P
12 x 12-bit Parallel Multiplier
More results

Similar Description - LMU18

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7210L IDT-IDT7210L Datasheet
167Kb / 10P
16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
logo
Intersil Corporation
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
16 x 16-Bit CMOS Parallel Multiplier
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
16 x 16-Bit CMOS Parallel Multiplier
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
16 x 16-bit Multiplier-Accumulator
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
16 x 16-bit Parallel multiplier
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
16 X 16 Bit Complex Multiplier
logo
List of Unclassifed Man...
AM29517 ETC-AM29517 Datasheet
497Kb / 16P
16 X 16 BIT PARALLEL MULTIPLIERS
logo
Intersil Corporation
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
16 x 16-Bit CMOS Parallel Multiplier Accumulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com