Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMU16 Datasheet(PDF) 7 Page - LOGIC Devices Incorporated

Part # LMU16
Description  16 x 16-bit Parallel Multiplier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LMU16 Datasheet(HTML) 7 Page - LOGIC Devices Incorporated

  LMU16 Datasheet HTML 1Page - LOGIC Devices Incorporated LMU16 Datasheet HTML 2Page - LOGIC Devices Incorporated LMU16 Datasheet HTML 3Page - LOGIC Devices Incorporated LMU16 Datasheet HTML 4Page - LOGIC Devices Incorporated LMU16 Datasheet HTML 5Page - LOGIC Devices Incorporated LMU16 Datasheet HTML 6Page - LOGIC Devices Incorporated LMU16 Datasheet HTML 7Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
DEVICES INCORPORATED
LMU16/216
16 x 16-bit Parallel Multiplier
Multipliers
08/16/2000–LDS.16/216-N
7
68-pin
LMU216 — ORDERING INFORMATION
0°C to +70°C — COMMERCIAL SCREENING
–55°C to +125°C — MIL-STD-883 COMPLIANT
–55°C to +125°C — COMMERCIAL SCREENING
67
68
64
65
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
3
Top
View
466
63 62
1
2
27
32 33 34 35 36 37 38
61
39 40
9
41 42 43
5
86
7
28 29 30 31
NC
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
OEL
CLK L
CLK B
R31
R30
R29
R28
R27
R26
R25
R24
R23
R22
R21
R20
R19
R18
R17
R16
NC
Speed
25 ns
20 ns
Plastic J-Lead
Chip Carrier (J2)
LMU216JC25
LMU216JC20


Similar Part No. - LMU16

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
LMU1117 KEXIN-LMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
LOGIC Devices Incorpora...
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
   12 x 12-bit Parallel Multiplier
LMU112JC25 LODEV-LMU112JC25 Datasheet
46Kb / 6P
   12 x 12-bit Parallel Multiplier
LMU112JC50 LODEV-LMU112JC50 Datasheet
46Kb / 6P
   12 x 12-bit Parallel Multiplier
LMU112PC25 LODEV-LMU112PC25 Datasheet
46Kb / 6P
   12 x 12-bit Parallel Multiplier
More results

Similar Description - LMU16

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
   16 x 16-Bit CMOS Parallel Multiplier
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
Integrated Device Techn...
IDT7210L IDT-IDT7210L Datasheet
167Kb / 10P
   16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
   16 X 16 Bit Complex Multiplier
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
   16 x 16-bit Multiplier-Accumulator
logo
List of Unclassifed Man...
AM29517 ETC-AM29517 Datasheet
497Kb / 16P
   16 X 16 BIT PARALLEL MULTIPLIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com