Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMU16 Datasheet(PDF) 2 Page - LOGIC Devices Incorporated

Part # LMU16
Description  16 x 16-bit Parallel Multiplier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LMU16 Datasheet(HTML) 2 Page - LOGIC Devices Incorporated

  LMU16 Datasheet HTML 1Page - LOGIC Devices Incorporated LMU16 Datasheet HTML 2Page - LOGIC Devices Incorporated LMU16 Datasheet HTML 3Page - LOGIC Devices Incorporated LMU16 Datasheet HTML 4Page - LOGIC Devices Incorporated LMU16 Datasheet HTML 5Page - LOGIC Devices Incorporated LMU16 Datasheet HTML 6Page - LOGIC Devices Incorporated LMU16 Datasheet HTML 7Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DEVICES INCORPORATED
LMU16/216
16 x 16-bit Parallel Multiplier
Multipliers
08/16/2000–LDS.16/216-N
2
FIGURE 1A.INPUT FORMATS
FIGURE 1B.OUTPUT FORMATS
15 14 13
2
1
0
–2
0
(Sign)
2
–1 2–2
2
–13 2–14 2–15
15 14 13
2
1
0
–2
0
(Sign)
2
–1 2–2
2
–13 2–14 2–15
Fractional Two’s Complement (TCA, TCB = 1)
15 14 13
2
1
0
–2
15
(Sign)
2
14 213
2
2
2
1
2
0
15 14 13
2
1
0
–2
15
(Sign)
2
14 213
2
2
2
1
2
0
Integer Two’s Complement (TCA, TCB = 1)
15 14 13
2
1
0
2
–1 2–2 2–3
2
–14 2–15 2–16
15 14 13
2
1
0
2
–1 2–2 2–3
2
–14 2–15 2–16
Unsigned Fractional (TCA, TCB = 0)
15 14 13
2
1
0
2
15 214 213
2
2
2
1
2
0
15 14 13
2
1
0
2
15 214 213
2
2
2
1
2
0
Unsigned Integer (TCA, TCB = 0)
AIN
BIN
MSP
LSP
31 30 29
18 17 16
–2
0
(Sign)
2
–1 2–2
2
–13 2–14 2–15
15 14 13
2
1
0
–2
0
(Sign)
2
–16 2–17
2
–28 2–29 2–30
Fractional Two’s Complement (RS = 0)
31 30 29
18 17 16
–2
31
(Sign)
2
30 229
2
18 217 216
15 14 13
2
1
0
2
15 214 213
2
2
2
1
2
0
Integer Two’s Complement (RS = 1)
31 30 29
18 17 16
2
–1 2–2 2–3
2
–14 2–15 2–16
15 14 13
2
1
0
2
–17 2–18 2–19
2
–30 2–31 2–32
Unsigned Fractional (RS = 1)
31 30 29
18 17 16
2
31 230 229
2
18 217 216
15 14 13
2
1
0
2
15 214 213
2
2
2
1
2
0
Unsigned Integer (RS = 1)
31 30 29
18 17 16
–2
1
(Sign)
2
0
2
–1
2
–12 2–13 2–14
15 14 13
2
1
0
2
–15 2–16 2–17
2
–28 2–29 2–30
Fractional Two’s Complement (RS = 1)


Similar Part No. - LMU16

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
LMU1117 KEXIN-LMU1117 Datasheet
95Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
LOGIC Devices Incorpora...
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
12 x 12-bit Parallel Multiplier
LMU112JC25 LODEV-LMU112JC25 Datasheet
46Kb / 6P
12 x 12-bit Parallel Multiplier
LMU112JC50 LODEV-LMU112JC50 Datasheet
46Kb / 6P
12 x 12-bit Parallel Multiplier
LMU112PC25 LODEV-LMU112PC25 Datasheet
46Kb / 6P
12 x 12-bit Parallel Multiplier
More results

Similar Description - LMU16

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
16 x 16-bit Parallel multiplier
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
16 x 16-Bit CMOS Parallel Multiplier
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
16 x 16-Bit CMOS Parallel Multiplier
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
Integrated Device Techn...
IDT7210L IDT-IDT7210L Datasheet
167Kb / 10P
16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
16 X 16 Bit Complex Multiplier
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
16 x 16-bit Multiplier-Accumulator
logo
List of Unclassifed Man...
AM29517 ETC-AM29517 Datasheet
497Kb / 16P
16 X 16 BIT PARALLEL MULTIPLIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com