Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMU16 Datasheet(PDF) 1 Page - LOGIC Devices Incorporated

Part # LMU16
Description  16 x 16-bit Parallel Multiplier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LMU16 Datasheet(HTML) 1 Page - LOGIC Devices Incorporated

  LMU16 Datasheet HTML 1Page - LOGIC Devices Incorporated LMU16 Datasheet HTML 2Page - LOGIC Devices Incorporated LMU16 Datasheet HTML 3Page - LOGIC Devices Incorporated LMU16 Datasheet HTML 4Page - LOGIC Devices Incorporated LMU16 Datasheet HTML 5Page - LOGIC Devices Incorporated LMU16 Datasheet HTML 6Page - LOGIC Devices Incorporated LMU16 Datasheet HTML 7Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DEVICES INCORPORATED
LMU16/216
16 x 16-bit Parallel Multiplier
Multipliers
08/16/2000–LDS.16/216-N
1
u
u
u
u
u 20 ns Worst-Case Multiply Time
u
u
u
u
u Low Power CMOS Technology
u
u
u
u
u Replaces Fairchild MPY016/TMC216,
Cypress CY7C516, IDT 7216L, and
AMD Am29516
u
u
u
u
u Two’s Complement, Unsigned, or
Mixed Operands
u
u
u
u
u Three-State Outputs
u
u
u
u
u 68-pin PLCC, J-Lead
FEATURES
DESCRIPTION
LMU16/216
16 x 16-bit Parallel Multiplier
DEVICES INCORPORATED
The LMU16 and LMU216 are high-
speed, low power 16-bit parallel
multipliers. The LMU16 and
LMU216 are functionally identical;
they differ only in packaging.
The LMU16 and LMU216 produce
the 32-bit product of two 16-bit
numbers. Data present at the A
inputs, along with the TCA control
bit, is loaded into the A register on
the rising edge of CLK A. B data
and the TCB control bit are
similarly loaded by CLK B. The
TCA and TCB controls specify the
A and B operands as two’s
complement when HIGH, or
unsigned magnitude when LOW.
RND is loaded on the rising edge of
the logical OR of CLK A and CLK B.
RND, when HIGH, adds ‘1’ to the
most significant bit position of the
least significant half of the product.
Subsequent truncation of the 16 least
significant bits produces a result
correctly rounded to 16-bit precision.
At the output, the Right Shift control
(RS) selects either of two output
formats. RS LOW produces a 31-bit
product with a copy of the sign bit
inserted in the MSB postion of the
least significant half. RS HIGH gives a
full 32-bit product. Two 16-bit output
registers are provided to hold the
most and least significant halves of the
result (MSP and LSP) as defined by
RS. These registers are loaded on the
rising edge of CLK M and CLK L
respectively. For asynchronous
output, these registers may be made
transparent by setting the feed
through control (FT) HIGH.
The two halves of the product may be
routed to a single 16-bit three-state
output port (MSP) via a multiplexer.
MSPSEL LOW causes the MSP
outputs to be driven by the most
significant half of the result. MSPSEL
HIGH routes the least significant half
of the result to the MSP outputs. In
addition, the LSP is available via the B
port through a separate three-state
buffer.
The output multiplexer control
MSPSEL uses a pin which is a supply
ground in the Fairchild MPY016H/
TMC216H. When this control is LOW
(GND), the function is that of the
MPY016H/TMC216H, thus allowing
full compatibility.
LMU16/216 BLOCK DIAGRAM
A REGISTER
B REGISTER
REGISTER
RESULT
CLK A
CLK B
RND
FT
16
16
32
16
16
16
OEM
OEL
A15-0
R31-16
TCA
TCB
RS
CLK M
FORMAT ADJUST
16
B15-0/
R15-0
MSPSEL
CLK L


Similar Part No. - LMU16

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
LMU1117 KEXIN-LMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
LOGIC Devices Incorpora...
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
   12 x 12-bit Parallel Multiplier
LMU112JC25 LODEV-LMU112JC25 Datasheet
46Kb / 6P
   12 x 12-bit Parallel Multiplier
LMU112JC50 LODEV-LMU112JC50 Datasheet
46Kb / 6P
   12 x 12-bit Parallel Multiplier
LMU112PC25 LODEV-LMU112PC25 Datasheet
46Kb / 6P
   12 x 12-bit Parallel Multiplier
More results

Similar Description - LMU16

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
   16 x 16-Bit CMOS Parallel Multiplier
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
Integrated Device Techn...
IDT7210L IDT-IDT7210L Datasheet
167Kb / 10P
   16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
   16 X 16 Bit Complex Multiplier
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
   16 x 16-bit Multiplier-Accumulator
logo
List of Unclassifed Man...
AM29517 ETC-AM29517 Datasheet
497Kb / 16P
   16 X 16 BIT PARALLEL MULTIPLIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com