Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMA1009 Datasheet(PDF) 4 Page - LOGIC Devices Incorporated

Part # LMA1009
Description  12 x 12-bit Multiplier-Accumulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LMA1009 Datasheet(HTML) 4 Page - LOGIC Devices Incorporated

  LMA1009 Datasheet HTML 1Page - LOGIC Devices Incorporated LMA1009 Datasheet HTML 2Page - LOGIC Devices Incorporated LMA1009 Datasheet HTML 3Page - LOGIC Devices Incorporated LMA1009 Datasheet HTML 4Page - LOGIC Devices Incorporated LMA1009 Datasheet HTML 5Page - LOGIC Devices Incorporated LMA1009 Datasheet HTML 6Page - LOGIC Devices Incorporated LMA1009 Datasheet HTML 7Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DEVICES INCORPORATED
Multiplier-Accumulators
03/29/2000–LDS.10/2009-L
4
LMA 1009/2009
12 x 12-bit Multiplier-Accumulator
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
LMA1009/2009–
95*
65*
55*
25*
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
tMC
Clocked Multiply Time
95
65
55
25
tPW
Clock Pulse Width
20
20
15
10
tS
Input Register Setup Time
20
20
15
12
tH
Input Register Hold Time
2
2
2
2
tSP
Preload Setup Time
20
20
15
12
tHP
Preload Hold Time
2
2
2
2
tD
Output Delay
35
30
25
20
tENA
Three-State Output Enable Delay (Note 11)
35
35
30
20
tDIS
Three-State Output Disable Delay (Note 11)
30
30
30
20
LMA1009/2009–
75*
55*
45
20
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
tMC
Clocked Multiply Time
75
55
45
20
tPW
Clock Pulse Width
15
15
15
8
tS
Input Register Setup Time
15
15
12
10
tH
Input Register Hold Time
2
2
2
2
tSP
Preload Setup Time
15
15
12
10
tHP
Preload Hold Time
2
2
2
2
tD
Output Delay
30
25
25
18
tENA
Three-State Output Enable Delay (Note 11)
30
30
25
18
tDIS
Three-State Output Disable Delay (Note 11)
25
25
25
18
COMMERCIAL OPERATING RANGE (0°C to +70°C) Notes 9, 10 (ns)
SWITCHING CHARACTERISTICS
MILITARY OPERATING RANGE (–55°C to +125°C) Notes 9, 10 (ns)
123456789012345678901234
123456789012345678901234
123456789012345678901234
*DISCONTINUED SPEED GRADE
SWITCHING WAVEFORMS
HIGH IMPEDANCE
A11-0
B11-0
tENA
tDIS
tMC
tH
tS
CLK A
CLK B
CLK R
OE*
tSP
OUTPUT
PRELOAD
tHP
R26-0
PREL
tPW
tPW
tPW
tD
*includes OEX, OEM, OEL


Similar Part No. - LMA1009

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
LMA100.A.BI.001 TAOGLAS-LMA100.A.BI.001 Datasheet
3Mb / 28P
High Efficiency Indoor and Outdoor Antenna
LMA100.A.BI.001 TAOGLAS-LMA100.A.BI.001 Datasheet
2Mb / 22P
Gemini LTE 4G MIMO 2X2 Antenna for Routers and Access Points
LMA100.A.BI.001 TAOGLAS-LMA100.A.BI.001_18 Datasheet
2Mb / 22P
Gemini LTE 4G MIMO 2X2 Antenna for Routers and Access Points
logo
COSEL CO., LTD.
LMA100F COSEL-LMA100F Datasheet
1Mb / 10P
AC-DC Power Supplies Medical Type
June 29, 2020
LMA100F-24-HY COSEL-LMA100F-24-HY Datasheet
1Mb / 10P
AC-DC Power Supplies Medical Type
June 29, 2020
More results

Similar Description - LMA1009

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
12 x 12-bit Parallel Multiplier
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
16 x 16-bit Multiplier-Accumulator
logo
Zarlink Semiconductor I...
PDSP16112 ZARLINK-PDSP16112 Datasheet
456Kb / 9P
16 X 12 BIT COMPLEX MULTIPLIER
logo
LOGIC Devices Incorpora...
LF2250 LODEV-LF2250 Datasheet
369Kb / 15P
12 x 10-bit Matrix Multiplier
logo
Intersil Corporation
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
Fairchild Semiconductor
TMC2250A FAIRCHILD-TMC2250A Datasheet
186Kb / 23P
Matrix Multiplier 12 x 10 bit, 50 MHz
logo
Cadeka Microcircuits LL...
TMC2250A CADEKA-TMC2250A Datasheet
295Kb / 23P
Matrix Multiplier 12 x 10 bit, 50 MHz
logo
LOGIC Devices Incorpora...
LMS12 LODEV-LMS12 Datasheet
195Kb / 9P
12-bit Cascadable Multiplier-Summer
logo
Integrated Device Techn...
IDT7210L IDT-IDT7210L Datasheet
167Kb / 10P
16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com