Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMA1009 Datasheet(PDF) 1 Page - LOGIC Devices Incorporated

Part # LMA1009
Description  12 x 12-bit Multiplier-Accumulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LMA1009 Datasheet(HTML) 1 Page - LOGIC Devices Incorporated

  LMA1009 Datasheet HTML 1Page - LOGIC Devices Incorporated LMA1009 Datasheet HTML 2Page - LOGIC Devices Incorporated LMA1009 Datasheet HTML 3Page - LOGIC Devices Incorporated LMA1009 Datasheet HTML 4Page - LOGIC Devices Incorporated LMA1009 Datasheet HTML 5Page - LOGIC Devices Incorporated LMA1009 Datasheet HTML 6Page - LOGIC Devices Incorporated LMA1009 Datasheet HTML 7Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DEVICES INCORPORATED
Multiplier-Accumulators
03/29/2000–LDS.10/2009-L
1
LMA 1009/2009
12 x 12-bit Multiplier-Accumulator
u
u
u
u
u 20 ns Multiply-Accumulate Time
u
u
u
u
u Low Power CMOS Technology
u
u
u
u
u Replaces Fairchild TDC1009/
TMC2009
u
u
u
u
u Two’s Complement or Unsigned
Operands
u
u
u
u
u Accumulator Performs Preload,
Accumulate, and Subtract
u
u
u
u
u Three-State Outputs
u
u
u
u
u 68-pin PLCC, J-Lead
FEATURES
DESCRIPTION
LMA1009/2009
12 x 12-bit Multiplier-Accumulator
DEVICES INCORPORATED
The LMA1009 and LMA2009 are high-
speed, low power 12-bit multiplier-accu-
mulators. They are pin-for-pin equiva-
lent to the TRW TDC1009/TMC2009
multiplier-accumulators. The LMA1009
and LMA2009 are functionally identical;
they differ only in packaging. Full ambi-
ent temperature range operation is
achieved by the use of advanced CMOS
technology.
The LMA1009/2009 produces the 24-bit
product of two 12-bit numbers. The
results of a series of multiplications may
be accumulated to form the sum of prod-
ucts. Accumulation is performed to
27-bit precision with the multiplier prod-
uct sign extended as appropriate.
Data present at the A and B input regis-
ters is latched on the rising edges of
CLK A and CLK B respectively. RND,
TC, ACC, and SUB controls are latched
on the rising edge of the logical OR of
CLK AandCLK B. TCspecifiestheinput
as two’s complement
(TC HIGH) or unsigned magnitude
(TC LOW). RND, when HIGH, adds ‘1’
to the most significant bit position of the
least significant half of the product. Sub-
sequent truncation of the 12 least signifi-
cant bits produces a result correctly
rounded to 12-bit precision.
The ACC and SUB inputs control accu-
mulator operation. ACC HIGH results in
addition of the multiplier product and
the accumulator contents, with the result
stored in the accumulator register on the
rising edge of CLK R. ACC and SUB
HIGH results in subtraction of the accu-
mulator contents from the multiplier
product, with the result stored in the
accumulator register. With ACC LOW
and SUB LOW, no accumulation occurs
and the next product is loaded directly
into the accumulator register. ACC LOW
and SUB HIGH is undefined.
The LMA1009/2009 output register (ac-
cumulator register) is divided into three
independently controlled sections. The
least significant result (LSR) and most
significant result (MSR) registers are 12
bits in length. The extended result regis-
ter (XTR) is 3 bits long.
Each output register has an independ-
ent output enable control. In addition
to providing control of the three-state
output buffers, when OEX, OEM, or
OEL are HIGH and PREL is HIGH, data
can be preloaded via the bidirectional
output pins into the respective output
registers. Data present on the output
pins is latched on the rising edge of
CLK R. The interrelation of PREL and
the enable controls is summarized in
Table 1.
LMA1009/2009 BLOCK DIAGRAM
ACC
A REGISTER
B REGISTER
REGISTER
CLK A
CLK B
RND
12
12
24
A11-0
R23-12
12
B11-0
R + A
R – A
PASS R
LEM
LEL
LEX
R11-0
12
R26-24
3
27
PRELOAD
CONTROL
LOGIC
3
CLK R
ACCUMULATOR
TC
SUB
R
A
OEL
OEX
OEM
PREL
LEL
LEX
LEM
OEL
OEX
OEM
OEX
OEM
OEL
3
27
3
12
12


Similar Part No. - LMA1009

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
LMA100.A.BI.001 TAOGLAS-LMA100.A.BI.001 Datasheet
3Mb / 28P
High Efficiency Indoor and Outdoor Antenna
LMA100.A.BI.001 TAOGLAS-LMA100.A.BI.001 Datasheet
2Mb / 22P
Gemini LTE 4G MIMO 2X2 Antenna for Routers and Access Points
LMA100.A.BI.001 TAOGLAS-LMA100.A.BI.001_18 Datasheet
2Mb / 22P
Gemini LTE 4G MIMO 2X2 Antenna for Routers and Access Points
logo
COSEL CO., LTD.
LMA100F COSEL-LMA100F Datasheet
1Mb / 10P
AC-DC Power Supplies Medical Type
June 29, 2020
LMA100F-24-HY COSEL-LMA100F-24-HY Datasheet
1Mb / 10P
AC-DC Power Supplies Medical Type
June 29, 2020
More results

Similar Description - LMA1009

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2250A FAIRCHILD-TMC2250A Datasheet
186Kb / 23P
Matrix Multiplier 12 x 10 bit, 50 MHz
logo
Integrated Device Techn...
IDT7210L IDT-IDT7210L Datasheet
167Kb / 10P
16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
logo
Intersil Corporation
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
LOGIC Devices Incorpora...
LF2250 LODEV-LF2250 Datasheet
369Kb / 15P
12 x 10-bit Matrix Multiplier
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
16 x 16-bit Multiplier-Accumulator
LMS12 LODEV-LMS12 Datasheet
195Kb / 9P
12-bit Cascadable Multiplier-Summer
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
12 x 12-bit Parallel Multiplier
logo
Intersil Corporation
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
Zarlink Semiconductor I...
PDSP16112 ZARLINK-PDSP16112 Datasheet
456Kb / 9P
16 X 12 BIT COMPLEX MULTIPLIER
logo
Cadeka Microcircuits LL...
TMC2250A CADEKA-TMC2250A Datasheet
295Kb / 23P
Matrix Multiplier 12 x 10 bit, 50 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com