Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ946-2C-3DS Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ946-2C-3DS
Description  MINIATURE PC BOARD RELAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ946-2C-3DS Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ946-2C-3DS Datasheet HTML 1Page - ZETTLER Electronics AZ946-2C-3DS Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
AZ946
[3.5]
8x.138
[16.0]
.630
[1.5]
.060
[1.0]
8x.039
[0.44]
8x.018
[ø1.5]
8xø.060
[5.1]
.200
[10.1]
.400
[5.1]
.200
[2.5]
.100
[1.5]
.060
[12.7]
.500
[3.8]
.150
[16.5]
.650
[21.7]
.854
VIEWED TOWARD TERMINALS
PC Board Layout
Wiring Diagram
VIEWED TOWARD TERMINALS
MECHANICAL DATA
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
RELAY ORDERING DATA
COIL SPECIFICATIONS - Medium Duty (5 Amp Contact)
Nominal Coil Must Operate
Max. Continuous Coil Resistance
ORDER NUMBER
VDC
VDC
VDC
±10%
Unsealed
Sealed
3
2.4
4.2
15
AZ946–2CH–3D
AZ946–2CH–3DE
5
4.0
7.1
42
AZ946–2CH–5D
AZ946–2CH–5DE
6
4.8
8.4
60
AZ946–2CH–6D
AZ946–2CH–6DE
9
7.2
12.7
135
AZ946–2CH–9D
AZ946–2CH–9DE
12
9.6
16.9
240
AZ946–2CH–12D
AZ946–2CH–12DE
24
19.2
33.9
960
AZ946–2CH–24D
AZ946–2CH–24DE
RELAY ORDERING DATA
COIL SPECIFICATIONS - Light Duty (1 Amp Contact)
Nominal Coil Must Operate
Max. Continuous Coil Resistance
ORDER NUMBER
VDC
VDC
VDC
±10%
Unsealed
Sealed
3
2.4
4.9
20
AZ946–2C–3DS
AZ946–2C–3DSE
5
4.0
8.2
56
AZ946–2C–5DS
AZ946–2C–5DSE
6
4.8
9.8
80
AZ946–2C–6DS
AZ946–2C–6DSE
9
7.2
14.7
180
AZ946–2C–9DS
AZ946–2C–9DSE
12
9.6
19.6
320
AZ946–2C–12DS
AZ946–2C–12DSE
24
19.2
39.0
1280
AZ946–2C–24DS
AZ946–2C–24DSE
2014-06-26


Similar Part No. - AZ946-2C-3DS

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ946-2C-3DS ZETTLER-AZ946-2C-3DS Datasheet
63Kb / 2P
MINIATURE PC BOARD RELAY
AZ946-2C-3DSE ZETTLER-AZ946-2C-3DSE Datasheet
63Kb / 2P
MINIATURE PC BOARD RELAY
More results

Similar Description - AZ946-2C-3DS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ941 ETC-AZ941 Datasheet
54Kb / 2P
MINIATURE PC BOARD RELAY
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ946 ZETTLER-AZ946 Datasheet
63Kb / 2P
MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ991 ETC2-AZ991 Datasheet
77Kb / 2P
MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
MINIATURE PC BOARD RELAY
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
MINIATURE PC BOARD RELAY
AZ946 AZETTLER-AZ946 Datasheet
95Kb / 2P
MINIATURE PC BOARD RELAY
AZ991 AZETTLER-AZ991 Datasheet
85Kb / 2P
MINIATURE PC BOARD RELAY
logo
Tyco Electronics
TSC MACOM-TSC Datasheet
87Kb / 2P
Miniature, Sealed PC Board Relay
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
MINIATURE PC BOARD RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com