Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT51550-IR Datasheet(PDF) 1 Page - Marktech Corporate

Part # MT51550-IR
Description  Infrared LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT51550-IR Datasheet(HTML) 1 Page - Marktech Corporate

  MT51550-IR_15 Datasheet HTML 1Page - Marktech Corporate MT51550-IR_15 Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Absolute Maximum Ratings (Ta=25ºC)
ITEMS
SYMBOL
RATINGS
UNIT
Forward Current
IF
100
mA
Peak Forward Current*1
IFP
200
mA
Power Dissipation
PD
150
mW
Operating Temperature Range
Topr
-20 ~ +80
ºC
Storage Temperature Range
Tstg
-55 ~ +100
ºC
Lead Soldering Temperature*2
Tls
260
ºC
*1: Test Conditions: t
p≤50µs, tp/T=1/2. *2: Time 5 Sec max, Position: Up to 3mm from case.
Infrared LED
Product No:
MT51550-IR
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
1
Electrical & Optical Characteristics (Ta = 25ºC)
ITEMS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Forward Voltage
VF
IF=20mA
--
0.75
0.90
V
Forward Voltage
VF
IF=100mA
--
0.85
--
V
Reverse Voltage
VR
IR=10µA
5
--
--
V
Radiant Power
Фe
IF=20mA
1.1
1.4
--
mW
Radiant Power
Фe
IF=100mA
--
5.0
--
mW
Peak Emission Wavelength
λp
IF=100mA
1530
1550
1570
nm
Spectral Bandwidth at 50%
λ
0.5
IF=100mA
--
130
--
nm
Viewing Angle
Ө
IF=100mA
--
20
--
deg.
Switching Time
T
R, TF
IF=100mA
--
10
--
ns
2011-08-16
FEATURES
> High Power Output
> High Speed
> Straight Leads
APPLICATIONS
> Optical Communications
> Safety Equipment / Automation
> Coin / Currency Validation
Peak Emission Wavelength: 1550nm
The MT51550-IR is an infrared T 1 3/4, 5mm water clear LED designed for applications requiring high
power and high speed packaged with the lens optimized to produce a narrow viewing angle.


Similar Part No. - MT51550-IR_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
Peak Emission Wavelength: 1550nm
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
Infrared LED
More results

Similar Description - MT51550-IR_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8245 HAMAMATSU-L8245_06 Datasheet
59Kb / 2P
Infrared LED
logo
IC-Haus GmbH
IC-SG85 ICHAUS-IC-SG85 Datasheet
131Kb / 4P
Infrared LED
logo
Roithner LaserTechnik G...
ELD-810-345 ROITHNER-ELD-810-345 Datasheet
264Kb / 4P
Infrared LED
logo
Marktech Corporate
MT5850-IR MARKTECH-MT5850-IR_15 Datasheet
573Kb / 2P
Infrared LED
MT51020-IR MARKTECH-MT51020-IR_15 Datasheet
577Kb / 2P
Infrared LED
logo
Roithner LaserTechnik G...
LED1200 ROITHNER-LED1200 Datasheet
1Mb / 8P
Infrared LED
logo
Marktech Corporate
MTE2081-OH5 MARKTECH-MTE2081-OH5 Datasheet
755Kb / 3P
Infrared LED
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
Infrared LED
MTE1040 MARKTECH-MTE1040 Datasheet
64Kb / 2P
INFRARED LED?
MTE1070A MARKTECH-MTE1070A Datasheet
70Kb / 2P
INFRARED LED?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com