Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELD-810-345 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # ELD-810-345
Description  Infrared LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

ELD-810-345 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  ELD-810-345 Datasheet HTML 1Page - Roithner LaserTechnik GmbH ELD-810-345 Datasheet HTML 2Page - Roithner LaserTechnik GmbH ELD-810-345 Datasheet HTML 3Page - Roithner LaserTechnik GmbH ELD-810-345 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
07.04.2011
ELD-810-345
1 of 4
ELD-810-345
TECHNICAL DATA
Infrared LED, 3 mm
AlGaAs
ELD-810-345 is a AlGaAs, high-power, high-speed infrared LED in standard 3 mm housing.
On forward bias, it emits a high power radiation of typical 18 mW at a peak wavelength at
810 nm.
Specifications
• Structure: AlGaAs/AlGaAs
• Peak Wavelength: typ. 810 nm
• Optical Output Power: typ. 18 mW
• Package: 3 mm plastic lens
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Condition
Value
Unit
Power Dissipation
PD
120
mW
Forward Current
IF
60
mA
Peak Forward Current
IFP
tP: 10 µs, T = 10 ms
150
mA
Operating Temperature
Topr
-20 … +85
°C
Storage Temperature
Tstg
-30 … +100
°C
Junction Temperature
TJ
100
°C
Soldering Temperature
Tsol
t
≤ 5 s, 3 mm from case
260
°C
Electro-Optical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
UF
IF = 20 mA
-
1.5
1.8
V
Forward Voltage *
UF
IF = 50 mA
-
1.6
-
V
Reverse Voltage
UR
IR = 100 µA
5
-
-
V
Radiation Power
PO
IF = 20 mA
6
8
-
mW
Radiation Power *
PO
IF = 50 mA
14
18
-
mW
Radiation Intensity *
IE
IF = 50 mA
20
28
-
mW/sr
Peak Wavelength
λ
P
IF = 20 mA
800
810
830
nm
Half Width
Δλ
IF = 20 mA
-
30
-
nm
Viewing Angle
φ
IF = 20 mA
-
30
-
deg.
Switching Time
tr, tf
IF = 20 mA
-
40
-
ns
* measured after 30s current flow
Notes
• Do not view directly into the emitting area of the LED during operation!
The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - ELD-810-345

ManufacturerPart #DatasheetDescription
logo
EPIGAP optoelectronic G...
ELD-810-345 EPIGAP-ELD-810-345 Datasheet
209Kb / 3P
LED - Lamp
More results

Similar Description - ELD-810-345

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE1040 MARKTECH-MTE1040 Datasheet
64Kb / 2P
INFRARED LED?
MTE1070A MARKTECH-MTE1070A Datasheet
70Kb / 2P
INFRARED LED?
logo
Hamamatsu Corporation
L8245 HAMAMATSU-L8245_06 Datasheet
59Kb / 2P
Infrared LED
logo
IC-Haus GmbH
IC-SG85 ICHAUS-IC-SG85 Datasheet
131Kb / 4P
Infrared LED
logo
Marktech Corporate
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
Infrared LED
MTE2081-OH5 MARKTECH-MTE2081-OH5 Datasheet
755Kb / 3P
Infrared LED
MT5850-IR MARKTECH-MT5850-IR_15 Datasheet
573Kb / 2P
Infrared LED
MT51020-IR MARKTECH-MT51020-IR_15 Datasheet
577Kb / 2P
Infrared LED
MT51550-IR MARKTECH-MT51550-IR_15 Datasheet
593Kb / 2P
Infrared LED
logo
Roithner LaserTechnik G...
LED1200 ROITHNER-LED1200 Datasheet
1Mb / 8P
Infrared LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com