Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH1078M Datasheet(PDF) 2 Page - Linear Technology

Part # RH1078M
Description  Micropower, Dual, Single-Supply Precision Op Amp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1078M Datasheet(HTML) 2 Page - Linear Technology

  RH1078M_15 Datasheet HTML 1Page - Linear Technology RH1078M_15 Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DICE SPECIFICATION
2
RH1078M
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
LINEAR TECHNOLOGY CORPORATION 2005
LT 0314 REV B • PRINTED IN USA
Wafer level testing is performed per the indicated specifications for dice. Considerable differences in performance can often be observed for dice versus
packaged units due to the influences of packaging and assembly on certain devices and/or parameters. Please consult factory for more information
on dice performance and lot qualifications via lot sampling test procedures.
Dice data sheet subject to change. Please consult factory for current revision in production.
I.D.No. 66-13-1078
DICE ELECTRICAL TEST LIMITS T
A = 25°C, VS = 5V, VCM = 0.1V, VOUT = 1.4V, unless otherwise specified.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Power supply rejection ratio is measured at the minimum supply
voltage.
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNITS
AVOL
Large-Signal Voltage Gain
VO = 0.03V to 4V, No Load
VO = 0.03V to 3.5V, RL = 50k
VO = 0.05V to 4V, No Load
VO = 0.05V to 3.5V, RL = 50k
150
120
V/mV
V/mV
V/mV
V/mV
VOUT
Output Voltage Swing
Output Low, No Load
Output Low, 2k to GND
Output Low, ISINK = 100μA
Output High, No Load
Output High, 2k to GND
4.2
3.5
6
2
130
mV
mV
mV
V
V
SR
Slew Rate
AV = 1, VS = ±2.5V
0.04
V/μs
IS
Supply Current
Per Amplifier
75
μA
Minimum Supply Voltage
Note 2
2.3
V
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNITS
VOS
Input Offset Voltage
350
μV
IOS
Input Offset Current
0.8
nA
IB
Input Bias Current
15
nA
Input Voltage Range
13.5
–15.0
V
V
CMRR
Common Mode Rejection Ratio
VCM = 13.5V, –15V
VCM = 13V, –14.9V
97
dB
dB
PSRR
Power Supply Rejection Ratio
VS = 5V, 0V to ±18V
100
dB
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 50k
VO = ±10V, RL = 2k
VO = ±10V, RL = 5k
1000
300
V/mV
V/mV
V/mV
VOUT
Output Voltage Swing
RL = 50k
RL = 2k
RL = 5k
±13
±11
V
V
V
SR
Slew Rate
0.06
V/μs
IS
Supply Current
Per Amplifier
100
μA
TA = 25°C, VS = ±15V, unless otherwise specified.


Similar Part No. - RH1078M_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1078M LINER-RH1078M_12 Datasheet
253Kb / 2P
   RH1078M Micropower, Dual, Single-Supply Precision Op Amp
More results

Similar Description - RH1078M_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1078M LINER-RH1078M Datasheet
194Kb / 8P
   Micropower, Dual, Single Supply Precision Op Amp
RH1078M LINER-RH1078M_12 Datasheet
253Kb / 2P
   RH1078M Micropower, Dual, Single-Supply Precision Op Amp
LT1077 LINER-LT1077 Datasheet
838Kb / 11P
   Micropower, Single Supply, Precision Op Amp
LT1077 LINER-LT1077_1 Datasheet
301Kb / 16P
   Micropower, Single Supply, Precision Op Amp
LT1077 LINER-LT1077_15 Datasheet
307Kb / 16P
   Micropower, Single Supply, Precision Op Amp
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286_07 Datasheet
434Kb / 14P
   Dual and Quad Micropower Single Supply Dual and Quad Micropower Single Supply Precision Op Amp
logo
Linear Technology
LT1413 LINER-LT1413 Datasheet
272Kb / 8P
   Single Supply, Dual Precision Op Amp
LT1413 LINER-LT1413_15 Datasheet
253Kb / 8P
   Single Supply, Dual Precision Op Amp
LT1006 LINER-LT1006 Datasheet
878Kb / 12P
   Precision, Single Supply Op Amp
LT1006S8 LINER-LT1006S8 Datasheet
219Kb / 4P
   Precision, Single Supply Op Amp?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com