Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH1078M Datasheet(PDF) 1 Page - Linear Technology

Part # RH1078M
Description  Micropower, Dual, Single-Supply Precision Op Amp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1078M Datasheet(HTML) 1 Page - Linear Technology

  RH1078M_15 Datasheet HTML 1Page - Linear Technology RH1078M_15 Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DICE SPECIFICATION
1
RH1078M
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
DIE CROSS REFERENCE
LTC Finished
Part Number
Order DICE CANDIDATE
Part Number
RH1078M
RH1078M DICE
Please refer to LTC standard product data sheet for
other applicable product information.
Micropower, Dual, Single-Supply
Precision Op Amp
DICE ELECTRICAL TEST LIMITS T
A = 25°C, VS = 5V, VCM = 0.1V, VOUT = 1.4V, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNITS
VOS
Input Offset Voltage
120
μV
IOS
Input Offset Current
0.8
nA
IB
Input Bias Current
15
nA
CMRR
Common Mode Rejection Ratio
VCM = 0V to 3.5V
VCM = 0.05V to 3.2V
94
dB
dB
PSRR
Power Supply Rejection Ratio
VS = 2.3V to 12V
VS = 3.1V to 12V
100
dB
dB
PAD FUNCTION
1.
2.
3.
4.
5.
6.
7.
8.
OUTA
–INA
+INA
–V
+INB
–INB
OUTB
+V
12mils thick,
backside (substrate) is an alloyed
gold layer. Connect backside to V–.
90 × 97 mils
65
3
2
7
8
1
4


Similar Part No. - RH1078M_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1078M LINER-RH1078M_12 Datasheet
253Kb / 2P
   RH1078M Micropower, Dual, Single-Supply Precision Op Amp
More results

Similar Description - RH1078M_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1078M LINER-RH1078M Datasheet
194Kb / 8P
   Micropower, Dual, Single Supply Precision Op Amp
RH1078M LINER-RH1078M_12 Datasheet
253Kb / 2P
   RH1078M Micropower, Dual, Single-Supply Precision Op Amp
LT1077 LINER-LT1077 Datasheet
838Kb / 11P
   Micropower, Single Supply, Precision Op Amp
LT1077 LINER-LT1077_1 Datasheet
301Kb / 16P
   Micropower, Single Supply, Precision Op Amp
LT1077 LINER-LT1077_15 Datasheet
307Kb / 16P
   Micropower, Single Supply, Precision Op Amp
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286_07 Datasheet
434Kb / 14P
   Dual and Quad Micropower Single Supply Dual and Quad Micropower Single Supply Precision Op Amp
logo
Linear Technology
LT1413 LINER-LT1413 Datasheet
272Kb / 8P
   Single Supply, Dual Precision Op Amp
LT1413 LINER-LT1413_15 Datasheet
253Kb / 8P
   Single Supply, Dual Precision Op Amp
LT1006 LINER-LT1006 Datasheet
878Kb / 12P
   Precision, Single Supply Op Amp
LT1006S8 LINER-LT1006S8 Datasheet
219Kb / 4P
   Precision, Single Supply Op Amp?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com