Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0621000400 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0621000400
Description  IDT Manual Handtool
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0621000400 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0621000400 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 06/24/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0621000400
Status:
Active
Description:
IDT Manual Handtool
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
Module for 3.96mm, only 2-16 circuits for 7674
Function
Insulation Displacement (IDT)
Geographic Area
Global
Level of Automation
Manual
More Detailed Tech Information
applicationtooling@molex.com
Product Name
N/A
Survey
www.molex.com//review/apptool_survey.html
Tool Type
Handtool
UPC
800753182394
Physical
Net Weight
0.001/g
Material Info
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
T9999 Series
Use With
63600-0478
This document was generated on 06/24/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0621000400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0621000400 MOLEX-0621000400 Datasheet
42Kb / 1P
IDT Manual Handtool
11/02/2021
More results

Similar Description - 0621000400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
11-21-9756 MOLEX11-11-21-9756 Datasheet
28Kb / 1P
IDT - Manual - Handtool
0011215196 MOLEX11-0011215196 Datasheet
28Kb / 1P
IDT - Manual - Handtool
0011316379 MOLEX11-0011316379 Datasheet
23Kb / 1P
IDT - Manual - Handtool
0011390303 MOLEX11-0011390303 Datasheet
29Kb / 1P
IDT - Manual - Handtool
11-32-6027 MOLEX11-11-32-6027 Datasheet
28Kb / 1P
IDT - Manual - Handtool
62100-0300 MOLEX11-62100-0300 Datasheet
29Kb / 1P
IDT - Manual - Handtool
0636000478 MOLEX11-0636000478 Datasheet
28Kb / 1P
IDT Manual Handtool
0011326027 MOLEX-0011326027 Datasheet
28Kb / 1P
IDT - Manual - Handtool
11/17/2017
0011390303 MOLEX-0011390303 Datasheet
30Kb / 1P
IDT - Manual - Handtool
05/25/2017
0621000300 MOLEX-0621000300 Datasheet
28Kb / 1P
IDT - Manual - Handtool
08/26/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com