Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSI10H100CW Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TSI10H100CW
Description  10A, 100V - 200V Trench Schottky Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSI10H100CW Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TSI10H100CW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSI10H100CW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSI10H100CW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSI10H100CW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSI10H100CW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Min
Max
Min
Max
A
-
10.50
-
0.413
B
1.14
1.40
0.045
0.055
C
2.80
4.20
0.110
0.165
D
0.68
0.94
0.027
0.037
E
2.41
2.67
0.095
0.105
F
9.07
9.47
0.357
0.373
G
7.79
9.35
0.307
0.368
H
4.40
4.70
0.173
0.185
I
1.14
1.40
0.045
0.055
J
2.20
2.80
0.087
0.110
K
0.35
0.64
0.014
0.025
L
0.95
1.45
0.037
0.057
P/N
= Marking Code
G
= Green Compound
YWW
= Date Code
F
= Factory Code
Document Number: DS_D0000003
Version: A15
MARKING DIAGRAM
TSI10H100CW - TSI10H200CW
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
I
2
PAK
DIM.
Unit (mm)
Unit (inch)


Similar Part No. - TSI10H100CW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSI10L200CW TSC-TSI10L200CW Datasheet
202Kb / 4P
10A, 200V Trench Schottky Rectifier
More results

Similar Description - TSI10H100CW

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM10100DS SECOS-SM10100DS Datasheet
200Kb / 2P
VOLTAGE 100V 10A Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
TSI20H100CW TSC-TSI20H100CW Datasheet
245Kb / 5P
20A, 100V - 200V Trench Schottky Rectifiers
TSI30H100CW TSC-TSI30H100CW Datasheet
244Kb / 5P
30A, 100V - 200V Trench Schottky Rectifiers
TSD10H100CW TSC-TSD10H100CW Datasheet
234Kb / 5P
10A, 100V - 200V Trench Schottky Rectifier
TSF10L100CW TSC-TSF10L100CW Datasheet
247Kb / 5P
10A, 100V - 200V Trench Schottky Rectifiers
TSI10L200CW TSC-TSI10L200CW Datasheet
202Kb / 4P
10A, 200V Trench Schottky Rectifier
TSD10L200CW TSC-TSD10L200CW Datasheet
215Kb / 4P
10A, 200V Trench Schottky Rectifier
TSSD10L100SW TSC-TSSD10L100SW Datasheet
341Kb / 6P
10A, 100V - 200V Trench Schottky Rectifier
TSSD20L100SW TSC-TSSD20L100SW Datasheet
361Kb / 8P
20A, 100V - 200V Trench Schottky Rectifier
TST10L200CW TSC-TST10L200CW Datasheet
341Kb / 4P
10A, 200V Trench Schottky Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com