Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS4448RZ Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS4448RZ
Description  150mW High Speed SMD Switching Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4448RZ Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS4448RZ_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4448RZ_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4448RZ_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4448RZ_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4448RZ_14 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Notice
Document Number: DS_S1407008
TS4448 RZ
Taiwan Semiconductor
Small Signal Product
Version: E14
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf, assumes no
responsibility or liability for any errors inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to any intellectual property
rights is granted by this document. Except as provided in TSC's terms and conditions of sale for such products, TSC assumes no liability
whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of TSC products including liability or warranties
relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or seling
these products for use in such applications do so at their own risk and agree to fully indemnify TSC for any damages resulting from such
improper use or sale.


Similar Part No. - TS4448RZ_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4448RZ TSC-TS4448RZ Datasheet
114Kb / 2P
   150mW High Speed SMD Switching Diode
More results

Similar Description - TS4448RZ_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4148RZG TSC-TS4148RZG Datasheet
161Kb / 2P
   150mW High Speed SMD Switching Diode
TS4148RZ TSC-TS4148RZ Datasheet
115Kb / 2P
   150mW High Speed SMD Switching Diode
TS4448RZ TSC-TS4448RZ Datasheet
114Kb / 2P
   150mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
1SS226 MCC-1SS226_13 Datasheet
219Kb / 3P
   150mW SWITCHING DIODE
BAV70M MCC-BAV70M_17 Datasheet
378Kb / 3P
   150mW Switching Diode
1SS226 MCC-1SS226 Datasheet
183Kb / 3P
   150mW SWITCHING DIODE
BAS16T MCC-BAS16T Datasheet
236Kb / 3P
   150mW 85Volt Switching Diode
logo
Taiwan Semiconductor Co...
TSZU52C2V4 TSC-TSZU52C2V4 Datasheet
111Kb / 4P
   150mW SMD Zener Diode
logo
Micro Commercial Compon...
BAS16X MCC-BAS16X Datasheet
235Kb / 3P
   150mW 75Volt Switching Diode
BAS16T MCC-BAS16T_16 Datasheet
232Kb / 3P
   150mW 85Volt Switching Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com