Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1720 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1720
Description  Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1720 Datasheet(HTML) 5 Page - Linear Technology

  LT1720 Datasheet HTML 1Page - Linear Technology LT1720 Datasheet HTML 2Page - Linear Technology LT1720 Datasheet HTML 3Page - Linear Technology LT1720 Datasheet HTML 4Page - Linear Technology LT1720 Datasheet HTML 5Page - Linear Technology LT1720 Datasheet HTML 6Page - Linear Technology LT1720 Datasheet HTML 7Page - Linear Technology LT1720 Datasheet HTML 8Page - Linear Technology LT1720 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LT1720/LT1721
TYPICAL PERFORMANCE CHARACTERISTICS
Output High Voltage
vs Load Current
Output Low Voltage
vs Load Current
OUTPUT SINK CURRENT (mA)
0
0.3
0.4
16
1720/21 G10
0.2
0.1
4
8
12
20
0.5
125
°C
25
°C
125
°C
VCC = 2.7V
VCC = 5V
VCM = 1V
VIN = –15mV
–55
°C
OUTPUT SOURCE CURRENT (mA)
0
– 0.4
– 0.2
0.0
16
1720/21 G11
– 0.6
– 0.8
–1.0
4
8
12
20
125
°C
–55
°C
25
°C
25
°C
VCC = 2.7V
VCC = 5V
VCM = 1V
VIN = 15mV
Supply Current vs Frequency
FREQUENCY (MHz)
0
7
8
10
30
NO LOAD
1720/21 G12
6
5
10
20
40
4
3
9
25
°C
VCC = 5V
CLOAD = 20pF
LT1720
+IN A (Pin 1): Noninverting Input of Comparator A.
–IN A (Pin 2): Inverting Input of Comparator A.
–IN B (Pin 3): Inverting Input of Comparator B.
+IN B (Pin 4): Noninverting Input of Comparator B.
GND (Pin 5): Ground.
OUT B (Pin 6): Output of Comparator B.
OUT A (Pin 7): Output of Comparator A.
VCC (Pin 8): Positive Supply Voltage.
PIN FUNCTIONS
LT1721
–IN A (Pin 1): Inverting Input of Comparator A.
+IN A (Pin 2): Noninverting Input of Comparator A.
GND (Pins 3, 6): Ground.
OUT A (Pin 4): Output of Comparator A.
OUT B (Pin 5): Output of Comparator B.
+IN B (Pin 7): Noninverting Input of Comparator B.
–IN B (Pin 8): Inverting Input of Comparator B.
–IN C (Pin 9): Inverting Input of Comparator C.
+IN C (Pin 10): Noninverting Input of Comparator C.
VCC (Pins 11, 14): Positive Supply Voltage.
OUT C (Pin 12): Output of Comparator C.
OUT D (Pin 13): Output of Comparator D.
+IN D (Pin 15): Noninverting Input of Comparator D.
–IN D (Pin 16): Inverting Input of Comparator D.


Similar Part No. - LT1720

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1720 LINER-LT1720 Datasheet
246Kb / 28P
   UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
LT1720 LINER-LT1720 Datasheet
700Kb / 30P
   280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LT1720CDD LINER-LT1720CDD Datasheet
246Kb / 28P
   UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
LT1720CMS8 LINER-LT1720CMS8 Datasheet
246Kb / 28P
   UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
LT1720CS8 LINER-LT1720CS8 Datasheet
246Kb / 28P
   UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
More results

Similar Description - LT1720

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1721 LINER-LT1721_15 Datasheet
273Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1720 LINER-LT1720_15 Datasheet
273Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
   Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1719 LINER-LT1719 Datasheet
217Kb / 16P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1719 LINER-LT1719_1 Datasheet
215Kb / 20P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1719 LINER-LT1719_15 Datasheet
220Kb / 22P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
logo
Maxim Integrated Produc...
MAX9140 MAXIM-MAX9140_10 Datasheet
342Kb / 15P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 1/10
MAX9140 MAXIM-MAX9140 Datasheet
326Kb / 12P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com