Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1720 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1720
Description  Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1720 Datasheet(HTML) 4 Page - Linear Technology

  LT1720 Datasheet HTML 1Page - Linear Technology LT1720 Datasheet HTML 2Page - Linear Technology LT1720 Datasheet HTML 3Page - Linear Technology LT1720 Datasheet HTML 4Page - Linear Technology LT1720 Datasheet HTML 5Page - Linear Technology LT1720 Datasheet HTML 6Page - Linear Technology LT1720 Datasheet HTML 7Page - Linear Technology LT1720 Datasheet HTML 8Page - Linear Technology LT1720 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
LT1720/LT1721
TYPICAL PERFORMANCE CHARACTERISTICS
SUPPLY VOLTAGE (V)
2.5
3
2
1
0
–1
–2
–3
4.0
5.0
1720/21 G01
3.0
3.5
4.5
5.5
6.0
VTRIP
+
VOS
VTRIP
25
°C
VCM = 1V
Input Offset and Trip Voltages
vs Supply Voltage
TEMPERATURE (
°C)
–50
3.6
3.8
4.2
25
75
1720/21 G03
0.2
0
–25
0
50
100
125
– 0.2
– 0.4
4.0
VCC = 5V
Input Common Mode Limits
vs Temperature
Input Offset and Trip Voltages
vs Temperature
TEMPERATURE (
°C)
–3
–1
1
3
–2
0
2
– 25
25
100
1720/21 G02
–50
0
50
75
125
VTRIP
+
VOS
VTRIP
Quiescent Supply Current
vs Supply Voltage
Quiescent Supply Current
vs Temperature
Input Current
vs Differential Input Voltage
DIFFERENTIAL INPUT VOLTAGE (V)
–5
–7
–6
–4
–3
–2
1234
2
1720/21 G04
–5
–4 –3 –2 –1
0
5
–1
0
1
25
°C
VCC = 5V
TEMPERATURE (˚C)
–50
5.5
25
1720/21 G05
4.0
3.0
–25
0
50
2.5
2.0
6.0
5.0
4.5
3.5
75
100
125
VCC = 5V
VCC = 3V
SUPPLY VOLTAGE (V)
0
0
4
7
2
4
5
1720/21 G06
3
2
1
6
5
1
3
6
7
25
°C
125
°C
–55
°C
Propagation Delay
vs Supply Voltage
Propagation Delay
vs Temperature
Propagation Delay
vs Load Capacitance
OUTPUT LOAD CAPACITANCE (pF)
0
30
50
1720/21 G07
10
20
40
9
8
7
6
5
4
3
2
1
0
25
°C
VSTEP = 100mV
OVERDRIVE = 20mV
VCC = 5V
RISING EDGE
(tPDLH)
FALLING EDGE
(tPDHL)
TEMPERATURE (
°C)
–50
7.5
25
1720/21 G08
6.0
5.0
–25
0
50
4.5
4.0
8.0
7.0
6.5
5.5
75
100
125
VCC = 3V
VCC = 3V
VCC = 5V
VCC = 5V
tPDLH
VCM = 1V
VSTEP = 100mV
CLOAD = 10pF
OVERDRIVE = 5mV
OVERDRIVE = 20mV
SUPPLY VOLTAGE (V)
2.5
4.5
5.0
4.0
4.0
5.0
1720/21 G09
3.0
3.5
4.5
5.5
6.0
RISING EDGE
(tPDLH)
FALLING EDGE
(tPDHL)
25
°C
VSTEP = 100mV
OVERDRIVE = 20mV
CLOAD = 10pF


Similar Part No. - LT1720

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1720 LINER-LT1720 Datasheet
246Kb / 28P
UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
LT1720 LINER-LT1720 Datasheet
700Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LT1720CDD LINER-LT1720CDD Datasheet
246Kb / 28P
UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
LT1720CMS8 LINER-LT1720CMS8 Datasheet
246Kb / 28P
UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
LT1720CS8 LINER-LT1720CS8 Datasheet
246Kb / 28P
UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
More results

Similar Description - LT1720

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1721 LINER-LT1721_15 Datasheet
273Kb / 28P
Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1720 LINER-LT1720_15 Datasheet
273Kb / 28P
Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1719 LINER-LT1719 Datasheet
217Kb / 16P
4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1719 LINER-LT1719_1 Datasheet
215Kb / 20P
4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1719 LINER-LT1719_15 Datasheet
220Kb / 22P
4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
logo
Maxim Integrated Produc...
MAX9140 MAXIM-MAX9140_10 Datasheet
342Kb / 15P
40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 1/10
MAX9140 MAXIM-MAX9140 Datasheet
326Kb / 12P
40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com