Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1720 Datasheet(PDF) 20 Page - Linear Technology

Part # LT1720
Description  Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1720 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1720 Datasheet HTML 16Page - Linear Technology LT1720 Datasheet HTML 17Page - Linear Technology LT1720 Datasheet HTML 18Page - Linear Technology LT1720 Datasheet HTML 19Page - Linear Technology LT1720 Datasheet HTML 20Page - Linear Technology LT1720 Datasheet HTML 21Page - Linear Technology LT1720 Datasheet HTML 22Page - Linear Technology LT1720 Datasheet HTML 23Page - Linear Technology LT1720 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20
LT1720/LT1721
APPLICATIONS INFORMATION
VCC
+
U1A
1/4 LT1721
+
U1B
1/4 LT1721
+
U1D
1/4 LT1721
+
U1C
1/4 LT1721
681
681
1.37k
VCC
909
215
VCC
INPUT
OUTPUTS
VREF
100pF
453
1k
750
VCC
10ns
10ns
10ns
1720/21 F16
10ns
4.22k
Figure 16. 10ns Triple Overlap Generator
+
5V
2.2k
2.2k
INPUT
±100mV FULL SCALE
1k
LT1227
909
100
OUTPUT
±1V FULL SCALE
5V
AC BALANCE
3pF
3.6k
1.5k
0.1
µF
CIN
CIN
2k
2k
10pF
SKEW
COMP
2.5k
1.1k
1.1k
1.1k
1.1k
820
820
MRF501
MRF501
LM3045
11
9
6
8
DC BALANCE
500
51
51
10
7
680
–5V
1720/21 F17
13
= 1N5711
= CA3039 DIODE ARRAY
(SUBSTRATE TO – 5V)
+
1/2 LT1720
+
1/2 LT1720
SAMPLE
COMMAND
Figure 17. Fast Waveform Sampler Using the LT1720 for Timing-Skew Compensation


Similar Part No. - LT1720

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1720 LINER-LT1720 Datasheet
246Kb / 28P
   UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
LT1720 LINER-LT1720 Datasheet
700Kb / 30P
   280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LT1720CDD LINER-LT1720CDD Datasheet
246Kb / 28P
   UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
LT1720CMS8 LINER-LT1720CMS8 Datasheet
246Kb / 28P
   UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
LT1720CS8 LINER-LT1720CS8 Datasheet
246Kb / 28P
   UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
More results

Similar Description - LT1720

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1721 LINER-LT1721_15 Datasheet
273Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1720 LINER-LT1720_15 Datasheet
273Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
   Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1719 LINER-LT1719 Datasheet
217Kb / 16P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1719 LINER-LT1719_1 Datasheet
215Kb / 20P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1719 LINER-LT1719_15 Datasheet
220Kb / 22P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
logo
Maxim Integrated Produc...
MAX9140 MAXIM-MAX9140_10 Datasheet
342Kb / 15P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 1/10
MAX9140 MAXIM-MAX9140 Datasheet
326Kb / 12P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com