Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1720 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1720
Description  Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1720 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1720 Datasheet HTML 15Page - Linear Technology LT1720 Datasheet HTML 16Page - Linear Technology LT1720 Datasheet HTML 17Page - Linear Technology LT1720 Datasheet HTML 18Page - Linear Technology LT1720 Datasheet HTML 19Page - Linear Technology LT1720 Datasheet HTML 20Page - Linear Technology LT1720 Datasheet HTML 21Page - Linear Technology LT1720 Datasheet HTML 22Page - Linear Technology LT1720 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19
LT1720/LT1721
APPLICATIONS INFORMATION
tPULSE (ns)
14
12
10
8
6
4
2
0
1
100
1000
10000
1720/21 F14
10
MEASURED
EQUATION 1
Figure 14. Log Pulse Stretcher Output Pulse vs Input Pulse
SPLITTER
2V
0V
CIRCUIT OF
FIGURE 12
n FOOT CABLE
1 FOOT CABLE
NANOSECOND
INPUT RANGE
MICROSECOND
OUTPUT RANGE
X
Y
L
tOUT
(SEE TEXT)
1720/21 F15
Figure 15. RG-58 Cable with Velocity of Propogation = 66%;
Delay at Y = (n – 1) • 1.54ns
You don’t need expensive equipment to confirm the actual
overall performance of this circuit. All you need is a
respectable waveform generator (capable of >~100kHz), a
splitter, a variety of cable lengths and a 20MHz or 60MHz
oscilloscope. Split a single pulse source into different
cable lengths and then into the delay detector, feeding the
longer cable into the Y input (see Figure 15). A 6 foot cable
length difference will create a ~9.2ns delay (using 66%
propagation speed RG-58 cable), and should result in
easily measured 1.70
µs output pulses. A 12 foot cable
length difference will result in ~18.4ns delay and 2.07
µs
output pulses. The difference in the two output pulse
widths is the per-octave response of your circuit (see
equation (3)). Shorter cable length differences can be
used to get a plot of circuit performance down to 1.5ns (if
any), which can then later be used as a lookup reference
when you have moved from quantifying the circuit to using
the circuit. (Note there is a slight aberration in perfor-
mance below 10ns. See Figure 14.) As a final check, feed
the circuit with identical cable lengths and check that it is
not producing any output pulses.
10ns Triple Overlap Generator
The circuit of Figure 16 utilizes an LT1721 to generate
three overlapping outputs whose pulse edges are sepa-
rated by 10ns as shown. The time constant is set by the RC
network on the output of comparator A. Comparator B and
D trip at fixed percentages of the exponential voltage decay
across the capacitor. The 4.22k
Ω feed-forward to the C
comparator’s inverting input keeps the delay differences
the same in each direction despite the exponential nature
of the RC network’s voltage.
There is a 15ns delay to the first edge in both directions,
due to the 4.5ns delay of two LT1721 comparators, plus
6ns delay in the RC network. This starting delay is short-
ened somewhat if the pulse was shorter than 40ns be-
cause the RC network will not have fully settled; however,
the 10ns edge separations stay constant.
The values shown utilize only the lowest 75% of the supply
voltage span, which allows it to work down to 2.7V supply.
The delay differences grow a couple nanoseconds from 5V
to 2.7V supply due to the fixed VOL/VOH drops which grow
as a percentage at low supply voltage. To keep this effect
to a minimum, the 1k
Ω pull-up on comparator A provides
equal loading in either state.
Fast Waveform Sampler
Figure 17 uses a diode-bridge-type switch for clean, fast
waveform sampling. The diode bridge, because of its
inherent symmetry, provides lower AC errors than other
semiconductor-based switching technologies. This cir-
cuit features 20dB of gain, 10MHz full power bandwidth


Similar Part No. - LT1720

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1720 LINER-LT1720 Datasheet
246Kb / 28P
UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
LT1720 LINER-LT1720 Datasheet
700Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LT1720CDD LINER-LT1720CDD Datasheet
246Kb / 28P
UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
LT1720CMS8 LINER-LT1720CMS8 Datasheet
246Kb / 28P
UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
LT1720CS8 LINER-LT1720CS8 Datasheet
246Kb / 28P
UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
More results

Similar Description - LT1720

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1719 LINER-LT1719 Datasheet
217Kb / 16P
4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
logo
Maxim Integrated Produc...
MAX9140 MAXIM-MAX9140 Datasheet
326Kb / 12P
40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
logo
Linear Technology
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
LT1719 LINER-LT1719_1 Datasheet
215Kb / 20P
4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
logo
Maxim Integrated Produc...
MAX9140 MAXIM-MAX9140_10 Datasheet
342Kb / 15P
40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 1/10
logo
Linear Technology
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1719 LINER-LT1719_15 Datasheet
220Kb / 22P
4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1720 LINER-LT1720_15 Datasheet
273Kb / 28P
Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1721 LINER-LT1721_15 Datasheet
273Kb / 28P
Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com