Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD753204 Datasheet(PDF) 2 Page - NEC

Part # UPD753204
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753204 Datasheet(HTML) 2 Page - NEC

  UPD753204 Datasheet HTML 1Page - NEC UPD753204 Datasheet HTML 2Page - NEC UPD753204 Datasheet HTML 3Page - NEC UPD753204 Datasheet HTML 4Page - NEC UPD753204 Datasheet HTML 5Page - NEC UPD753204 Datasheet HTML 6Page - NEC UPD753204 Datasheet HTML 7Page - NEC UPD753204 Datasheet HTML 8Page - NEC UPD753204 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 80 page
background image
2
µPD753204, 753206, 753208
Function Outline
Parameter
Function
Instruction execution time
• 0.95, 1.91, 3.81, 15.3
µs (@ 4.19-MHz operation with system clock)
• 0.67, 1.33, 2.67, 10.7
µs (@ 6.0-MHz operation with system clock)
Internal memory
ROM
4096
× 8 bits (
µPD753204)
6144
× 8 bits (
µPD753206)
8192
× 8 bits (
µPD753208)
RAM
512
× 4 bits
General-purpose register
• 4-bit operation: 8
× 4 banks
• 8-bit operation: 4
× 4 banks
Input/
CMOS input
6
Connecting on-chip pull-up resistors can be specified by software: 5
output
CMOS input/output
20
Connecting on-chip pull-up resistors can be specified by software: 20
port
Also used for segment pins: 8
N-ch open-drain
4
On-chip pull-up resistors can be specified by mask option
input/output
13-V withstand voltage
Total
30
LCD controller/driver
• Segment selection:
4/8/12 segments (can be changed to CMOS input/
output port in 4-time units; max. 8)
• Display mode selection:
Static
1/2 duty (1/2 bias)
1/3 duty (1/2 bias)
1/3 duty (1/3 bias)
1/4 duty (1/3 bias)
• On-chip split resistor for LCD drive can be specified by mask option
Timer
5 channels
• 8-bit timer/event counter: 1 channel
• 8-bit timer counter: 2 channels (can be used as the 16-bit timer counter, carrier
generator, and timer with gate)
• Basic interval timer/watchdog timer: 1 channel
• Watch timer: 1 channel
Serial interface
• 3-wire serial I/O mode ... MSB or LSB can be selected for transferring first bit
• 2-wire serial I/O mode
• SBI mode
Bit sequential buffer (BSB)
16 bits
Clock output (PCL)
Φ, 524, 262, 65.5 kHz (@ 4.19-MHz operation with system clock)
Φ, 750, 375, 93.8 kHz (@ 6.0-MHz operation with system clock)
Buzzer output (BUZ)
• 2, 4, 32 kHz (@ 4.19-MHz operation with system clock)
• 2.93, 5.86, 46.9 kHz (@ 6.0-MHz with system clock)
Vectored interrupts
External: 2, Internal: 5
Test input
External: 1, Internal: 1
System clock oscillator
Ceramic or crystal oscillator for system clock oscillation
Standby function
STOP/HALT mode
Power supply voltage
VDD = 1.8 to 5.5 V
Package
48-pin plastic shrink SOP (375 mils, 0.65-mm pitch)


Similar Part No. - UPD753204

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD753204 RENESAS-UPD753204 Datasheet
599Kb / 83P
MOS INTEGRATED CIRCUIT
1996
More results

Similar Description - UPD753204

ManufacturerPart #DatasheetDescription
logo
NEC
UPD750064 NEC-UPD750064 Datasheet
460Kb / 82P
4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD753108 NEC-UPD753108 Datasheet
2Mb / 459P
4-bit Single-chip Microcontrollers
UPD754202 NEC-UPD754202 Datasheet
302Kb / 66P
4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD754264 NEC-UPD754264 Datasheet
318Kb / 68P
4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD754144 NEC-UPD754144 Datasheet
416Kb / 88P
4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD17145 NEC-UPD17145 Datasheet
408Kb / 102P
SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
PD17145A1 RENESAS-PD17145A1_15 Datasheet
553Kb / 104P
SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
32-Bit Single-Chip Microcontrollers
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
8-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com