Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD753204 Datasheet(PDF) 9 Page - NEC

Part # UPD753204
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753204 Datasheet(HTML) 9 Page - NEC

Back Button UPD753204 Datasheet HTML 5Page - NEC UPD753204 Datasheet HTML 6Page - NEC UPD753204 Datasheet HTML 7Page - NEC UPD753204 Datasheet HTML 8Page - NEC UPD753204 Datasheet HTML 9Page - NEC UPD753204 Datasheet HTML 10Page - NEC UPD753204 Datasheet HTML 11Page - NEC UPD753204 Datasheet HTML 12Page - NEC UPD753204 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
9
µPD753204, 753206, 753208
3.2 Non-Port Pins (1/2)
Pin Name
Input/Output
Alternate
Function
After Reset
I/O Circuit
Function
TYPE Note 1
TI0
Input
P13
Inputs external event pulses to the timer/event
Input
(B)-C
counter.
PTO0
Output
P20
Timer/event counter output
Input
E-B
PTO1
P21
Timer counter output
PTO2
P22/PCL
PCL
P22/PTO2
Clock output
BUZ
P23
Optional frequency output (for buzzer output
or system clock trimming)
SCK
Input/Output
P01
Serial clock input/output
Input
(F)-A
SO/SB0
P02
Serial data output
(F)-B
Serial data bus input/output
SI/SB1
P03
Serial data input
(M)-C
Serial data bus input/output
INT4
Input
P00
Edge detection vectored interrupt input (both
Input
(B)
rising edge and falling edge detection)
INT0
Input
P10
Input
(B)-C
KR0 to KR3
Input/Output
P60 to P63
Falling edge detection testable input
Input
(F)-A
S12 to S15
Output
Segment signal output
Note 2
G-A
S16 to S19
Output
P93 to P90
Segment signal output
Input
H
S20 to S23
Output
P83 to P80
Segment signal output
Input
H
COM0 to COM3
Output
Common signal output
Note 2
G-B
VLC0 to VLC2
LCD drive power
On-chip split resistor is enable (mask option).
BIAS
Output
Output for external split resistor disconnect
Note 3
LCDCL Note 4
Input/Output
P30
Clock output for externally expanded driver
Input
E-B
SYNC Note 4
Input/Output
P31
Clock output for externally expanded driver sync
Input
E-B
Notes 1. Characters in parentheses indicate the Schmitt trigger input.
2. Each display output selects the following VLCX as input source.
S12 to S15: VLC1, COM0 to COM2: VLC2, COM3: VLC0.
3. When a split resistor is contained ....... Low level
When no split resistor is contained ...... High-impedance
4. These pins are provided for future system expansion.
At present, these pins are used only as pins P30 and P31.
Edge detection vectored
With clock elimination
interrupt input (detection
circuit/asynchronous
edge can be selected).
selectable
Noise elimination circuit
can be specified.


Similar Part No. - UPD753204

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD753204 RENESAS-UPD753204 Datasheet
599Kb / 83P
   MOS INTEGRATED CIRCUIT
1996
More results

Similar Description - UPD753204

ManufacturerPart #DatasheetDescription
logo
NEC
UPD750064 NEC-UPD750064 Datasheet
460Kb / 82P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD753108 NEC-UPD753108 Datasheet
2Mb / 459P
   4-bit Single-chip Microcontrollers
UPD754202 NEC-UPD754202 Datasheet
302Kb / 66P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD754264 NEC-UPD754264 Datasheet
318Kb / 68P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD754144 NEC-UPD754144 Datasheet
416Kb / 88P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD17145 NEC-UPD17145 Datasheet
408Kb / 102P
   SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
PD17145A1 RENESAS-PD17145A1_15 Datasheet
553Kb / 104P
   SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com