Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD753204 Datasheet(PDF) 7 Page - NEC

Part # UPD753204
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753204 Datasheet(HTML) 7 Page - NEC

Back Button UPD753204 Datasheet HTML 3Page - NEC UPD753204 Datasheet HTML 4Page - NEC UPD753204 Datasheet HTML 5Page - NEC UPD753204 Datasheet HTML 6Page - NEC UPD753204 Datasheet HTML 7Page - NEC UPD753204 Datasheet HTML 8Page - NEC UPD753204 Datasheet HTML 9Page - NEC UPD753204 Datasheet HTML 10Page - NEC UPD753204 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
7
µPD753204, 753206, 753208
3. PIN FUNCTION
3.1 Port Pins (1/2)
Pin Name
Input/Output
Alternate
Function
8-bit
After Reset
I/O Circuit
Function
I/O
TYPE Note 1
P00
Input
INT4
No
Input
(B)
P01
Input/Output
SCK
(F)-A
P02
Input/Output
SO/SB0
(F)-B
P03
Input/Output
SI/SB1
(M)-C
P10
Input
INT0
No
Input
(B)-C
P13
TI0
P20
Input/Output
PTO0
No
Input
E-B
P21
PTO1
P22
PCL/PTO2
P23
BUZ
P30
Input/Output
LCDCL
No
Input
E-B
P31
SYNC
P32
P33
P50 to
Input/Output
No
M-D
P53 Note 2
Notes 1. Characters in parentheses indicate the Schmitt-trigger input.
2. If on-chip pull-up resistors are not specified by mask option (when used as N-ch open-drain input port),
low level input leakage current increases when input or bit manipulation instruction is executed.
4-bit input port (PORT0).
For P01 to P03, on-chip pull-up resistors can
be specified by software in 3-bit units.
High level
(when pull-
up resistors
are
provided) or
high-
impedance
Input port in 1 bit unit (PORT1).
On-chip pull-up resistors can be specified by
software in 2-bit units.
Noise elimination circuit can be specified with
P10/INT0.
4-bit input/output port (PORT2).
On-chip pull-up resistors can be specified by
software in 4-bit units.
Programmable 4-bit input/output port (PORT3).
This port can be specified input/output bit-
wise. On-chip pull-up resistor can be speci-
fied by software in 4-bit units.
N-ch open-drain 4-bit input/output port (PORT5).
A pull-up resistor can be contained bit-wise
(mask option).
Withstand voltage is 13 V in open-drain mode.


Similar Part No. - UPD753204

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD753204 RENESAS-UPD753204 Datasheet
599Kb / 83P
   MOS INTEGRATED CIRCUIT
1996
More results

Similar Description - UPD753204

ManufacturerPart #DatasheetDescription
logo
NEC
UPD750064 NEC-UPD750064 Datasheet
460Kb / 82P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD753108 NEC-UPD753108 Datasheet
2Mb / 459P
   4-bit Single-chip Microcontrollers
UPD754202 NEC-UPD754202 Datasheet
302Kb / 66P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD754264 NEC-UPD754264 Datasheet
318Kb / 68P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD754144 NEC-UPD754144 Datasheet
416Kb / 88P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD17145 NEC-UPD17145 Datasheet
408Kb / 102P
   SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
PD17145A1 RENESAS-PD17145A1_15 Datasheet
553Kb / 104P
   SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com