Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6703HV-2 Datasheet(PDF) 4 Page - Linear Technology

Part # LT6703HV-2
Description  Micropower, Low Voltage Comparator with 400mV Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6703HV-2 Datasheet(HTML) 4 Page - Linear Technology

  LT6703HV-2_15 Datasheet HTML 1Page - Linear Technology LT6703HV-2_15 Datasheet HTML 2Page - Linear Technology LT6703HV-2_15 Datasheet HTML 3Page - Linear Technology LT6703HV-2_15 Datasheet HTML 4Page - Linear Technology LT6703HV-2_15 Datasheet HTML 5Page - Linear Technology LT6703HV-2_15 Datasheet HTML 6Page - Linear Technology LT6703HV-2_15 Datasheet HTML 7Page - Linear Technology LT6703HV-2_15 Datasheet HTML 8Page - Linear Technology LT6703HV-2_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LT6703-2/LT6703-3
LT6703HV-2/LT6703HV-3
4
670323fd
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VTH(R)
Rising Input Threshold Voltage (Note 6)
RL = 100k, VO = 2V Swing, VS = 5V
l
392
410
mV
VTH(F)
Falling Input Threshold Voltage (Note 6) RL = 100k, VO = 2V Swing, VS = 5V
l
382.5
404.5
mV
HYS
HYS = VTH(R) – VTH(F)
VS = 5V, RL = 100k, VO = 2V Swing
l
2
13.5
mV
IB
Input Bias Current
VS = 1.4V, 18V, VIN = VS
VS = 1.4V, VIN = 18V
VS = 1.4V, 18V, VIN = 0.1V
l
l
l
±45
±45
±50
nA
nA
nA
VOL
Output Low Voltage
10mV Input Overdrive, VS = 5V, IOUT = 5mA
l
250
mV
IOFF
Output Leakage Current
VS = 1.4V, 18V, VOUT = VS, VIN = 40mV Overdrive
VS = 1.4V, VOUT = 18V, VIN = 40mV Overdrive
l
l
1
1
μA
μA
IS
Supply Current
No Load Current, VS = 5V
l
17
μA
The
l denotes the specifications which apply over the temperature range of –40°C ≤ TA ≤ 125°C, (LT6703H-2/LT6703H-3) unless
otherwise specified (Notes 4, 5).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VTH(R)
Rising Input Threshold Voltage (Note 6)
RL = 100k, VO = 2V Swing, VS = 5V
l
392.5
407.5
mV
VTH(F)
Falling Input Threshold Voltage (Note 6) RL = 100k, VO = 2V Swing, VS = 5V
l
384.5
402.5
mV
HYS
HYS = VTH(R) – VTH(F)
VS = 5V, RL = 100k, VO = 2V Swing
l
311
mV
IB
Input Bias Current
VS = 1.4V, 18V, VIN = VS
VS = 1.4V, VIN = 18V
VS = 1.4V, 18V, VIN = 0.1V
l
l
l
±15
±15
±15
nA
nA
nA
VOL
Output Low Voltage
10mV Input Overdrive, VS = 5V, IOUT = 5mA
l
250
mV
IOFF
Output Leakage Current
VS = 1.4V, 18V, VOUT = VS, VIN = 40mV Overdrive
VS = 1.4V, VOUT = 18V, VIN = 40mV Overdrive
l
l
1
1
μA
μA
IS
Supply Current
No Load Current, VS = 5V
l
14
μA
The
l denotes the specifications which apply over the temperature range of
0°C ≤ TA ≤ 70°C, (LT6703C-2/LT6703C-3) unless otherwise specified (Notes 4, 5).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VTH(R)
Rising Input Threshold Voltage (Note 6)
RL = 100k, VO = 2V Swing, VS = 5V
l
392
408
mV
VTH(F)
Falling Input Threshold Voltage (Note 6) RL = 100k, VO = 2V Swing, VS = 5V
l
383.5
403.5
mV
HYS
HYS = VTH(R) – VTH(F)
VS = 5V, RL = 100k, VO = 2V Swing
l
2
11.5
mV
IB
Input Bias Current
VS = 1.4V, 18V, VIN = VS
VS = 1.4V, VIN = 18V
VS = 1.4V, 18V, VIN = 0.1V
l
l
l
±15
±15
±15
nA
nA
nA
VOL
Output Low Voltage
10mV Input Overdrive, VS = 5V, IOUT = 5mA
l
250
mV
IOFF
Output Leakage Current
VS = 1.4V, 18V, VOUT = VS, VIN = 40mV Overdrive
VS = 1.4V, VOUT = 18V, VIN = 40mV Overdrive
l
l
1
1
μA
μA
IS
Supply Current
No Load Current, VS = 5V
l
15
μA
The
l denotes the specifications which apply over the temperature range of –40°C ≤ TA ≤ 85°C, (LT6703I-2/LT6703I-3) unless otherwise
specified (Notes 4, 5).


Similar Part No. - LT6703HV-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703HV-2 LINER-LT6703HV-2 Datasheet
166Kb / 12P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2 Datasheet
182Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
More results

Similar Description - LT6703HV-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com