Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6703HV-2 Datasheet(PDF) 3 Page - Linear Technology

Part # LT6703HV-2
Description  Micropower, Low Voltage Comparator with 400mV Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6703HV-2 Datasheet(HTML) 3 Page - Linear Technology

  LT6703HV-2_15 Datasheet HTML 1Page - Linear Technology LT6703HV-2_15 Datasheet HTML 2Page - Linear Technology LT6703HV-2_15 Datasheet HTML 3Page - Linear Technology LT6703HV-2_15 Datasheet HTML 4Page - Linear Technology LT6703HV-2_15 Datasheet HTML 5Page - Linear Technology LT6703HV-2_15 Datasheet HTML 6Page - Linear Technology LT6703HV-2_15 Datasheet HTML 7Page - Linear Technology LT6703HV-2_15 Datasheet HTML 8Page - Linear Technology LT6703HV-2_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LT6703-2/LT6703-3
LT6703HV-2/LT6703HV-3
3
670323fd
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VTH(R)
Rising Input Threshold Voltage (Note 6)
RL = 100k, VO = 2V Swing, VS = 5V
395
400
405
mV
VTH(F)
Falling Input Threshold Voltage (Note 6) RL = 100k, VO = 2V Swing, VS = 5V
387
393.5
400
mV
HYS
HYS = VTH(R) – VTH(F)
VS = 5V, RL = 100k, VO = 2V Swing
3.5
6.5
9.5
mV
IB
Input Bias Current
VS = 1.4V, 18V, VIN = VS
VS = 1.4V, VIN = 18V
VS = 1.4V, 18V, VIN = 0.1V
±0.01
±0.01
±4
±10
±10
±10
nA
nA
nA
VOL
Output Low Voltage
10mV Input Overdrive, VS = 5V, IOUT = 5mA
70
200
mV
IOFF
Output Leakage Current
VS = 1.4V, 18V, VOUT = VS, VIN = 40mV Overdrive
VS = 1.4V, VOUT = 18V, VIN = 40mV Overdrive
0.01
0.01
0.8
0.8
μA
μA
tPD(HL)
High-to-Low Propagation Delay
VS = 5V, 10mV Input Overdrive, RL = 10k,
VOL = 400mV
18
μs
tPD(LH)
Low-to-High Propagation Delay
VS = 5V, 10mV Input Overdrive, RL = 10k,
VOH = 0.9 • VS
29
μs
tr
Output Rise Time
VS = 5V, 10mV Input Overdrive, RL = 10k
VO = (0.1 to 0.9) • VS
2.2
μs
tf
Output Fall Time
VS = 5V, 10mV Input Overdrive, RL = 10k
VO = (0.1 to 0.9) • VS
0.22
μs
IS
Supply Current
No Load Current, VS = 5V
6.5
11
μA
TA = 25°C (LT6703-2/LT6703-3) unless otherwise specified.
ELECTRICAL CHARACTERISTICS
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT6703CDC-2#TRMPBF
LT6703CDC-2#TRPBF
LCWP
3-Lead (2mm
× 2mm) Plastic DFN
0°C to 70°C
LT6703IDC-2#TRMPBF
LT6703IDC-2#TRPBF
LCWP
3-Lead (2mm
× 2mm) Plastic DFN
– 40°C to 85°C
LT6703HDC-2#TRMPBF
LT6703HDC-2#TRPBF
LCWP
3-Lead (2mm
× 2mm) Plastic DFN
– 40°C to 125°C
LT6703CDC-3#TRMPBF
LT6703CDC-3#TRPBF
LCTW
3-Lead (2mm
× 2mm) Plastic DFN
0°C to 70°C
LT6703IDC-3#TRMPBF
LT6703IDC-3#TRPBF
LCTW
3-Lead (2mm
× 2mm) Plastic DFN
– 40°C to 85°C
LT6703HDC-3#TRMPBF
LT6703HDC-3#TRPBF
LCTW
3-Lead (2mm
× 2mm) Plastic DFN
– 40°C to 125°C
LT6703HVCS5-2#TRMPBF
LT6703HVCS5-2#TRPBF
LTDMN
5-Lead Plastic TSOT-23
0°C to 70°C
LT6703HVIS5-2#TRMPBF
LT6703HVIS5-2#TRPBF
LTDMN
5-Lead Plastic TSOT-23
– 40°C to 85°C
LT6703HVHS5-2#TRMPBF
LT6703HVHS5-2#TRPBF
LTDMN
5-Lead Plastic TSOT-23
– 40°C to 125°C
LT6703HVCS5-3#TRMPBF
LT6703HVCS5-3#TRPBF
LTDMP
5-Lead Plastic TSOT-23
0°C to 70°C
LT6703HVIS5-3#TRMPBF
LT6703HVIS5-3#TRPBF
LTDMP
5-Lead Plastic TSOT-23
– 40°C to 85°C
LT6703HVHS5-3#TRMPBF
LT6703HVHS5-3#TRPBF
LTDMP
5-Lead Plastic TSOT-23
– 40°C to 125°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION


Similar Part No. - LT6703HV-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703HV-2 LINER-LT6703HV-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2 Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
More results

Similar Description - LT6703HV-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com