Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6703HV-2 Datasheet(PDF) 9 Page - Linear Technology

Part # LT6703HV-2
Description  Micropower, Low Voltage Comparator with 400mV Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6703HV-2 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6703HV-2_15 Datasheet HTML 5Page - Linear Technology LT6703HV-2_15 Datasheet HTML 6Page - Linear Technology LT6703HV-2_15 Datasheet HTML 7Page - Linear Technology LT6703HV-2_15 Datasheet HTML 8Page - Linear Technology LT6703HV-2_15 Datasheet HTML 9Page - Linear Technology LT6703HV-2_15 Datasheet HTML 10Page - Linear Technology LT6703HV-2_15 Datasheet HTML 11Page - Linear Technology LT6703HV-2_15 Datasheet HTML 12Page - Linear Technology LT6703HV-2_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LT6703-2/LT6703-3
LT6703HV-2/LT6703HV-3
9
670323fd
Below Ground Input Bias Current
Low Level Input Bias Current
High Level Input Bias Current
TYPICAL PERFORMANCE CHARACTERISTICS
Output Saturation Voltage
vs Output Sink Current
Output Saturation Voltage
vs Output Sink Current
Output Saturation Voltage
vs Output Sink Current
Output Short-Circuit Current
Output Short-Circuit Current
Output Leakage Current
INPUT VOLTAGE (V)
10
1000
10000
–0.3
–0.1
0
670323 G16
1
–0.2
100
TA = 25°C
TA = 85°C
TA = 125°C
TA = –55°C
VS = 18V
–0.3V < VIN < 0V
CURRENT IS GOING OUT OF THE DEVICE
INPUT VOLTAGE (V)
0
–7
–6
–4
–3
–2
3
0
0.2
0.4 0.5
670323 G17
–5
1
2
–1
0.1
0.3
0.6 0.7
1
0.9
0.8
TA = 25°C
TA = 85°C
TA = 125°C
TA = –55°C
VS = 18V
0V < VIN < 1V
CURRENT IS POSITIVE GOING
INTO THE DEVICE
INPUT VOLTAGE (V)
0.01
1
10
1
3
5
7
9
11
13
15
17
670323 G18
0.001
0.1
TA = 25°C
TA = 85°C
TA = 125°C
VS = 18V
VIN > 1V
CURRENT IS GOING INTO THE DEVICE
OUTPUT SINK CURRENT (mA)
100
0.001
0.1
1
10
670323 G19
10
0.01
1000
100
TA = –40°C
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
OUTPUT SINK CURRENT (mA)
10
100
0.001
0.1
1
10
670323 G20
0.01
1000
100
TA = 25°C
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
OUTPUT SINK CURRENT (mA)
10
100
0.001
0.1
1
10
670323 G21
0.01
1000
100
TA = 85°C
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
OUTPUT VOLTAGE (V)
0
40
50
60
670323 G22
30
20
24
16
14
18
6
810
12
10
80
70
0
TA = 25°C
TA = 85°C
TA = 125°C
TA = –55°C
VS = 5V
OUTPUT VOLTAGE (V)
0
40
50
60
670323 G23
30
20
24
16
14
18
6
810
12
10
80
70
0
TA = 25°C
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
OUTPUT VOLTAGE (V)
0.01
0.1
1
10
0
8
10
12
14
16
0.001
246
18
670323 G24
TA = 25°C
TA = 85°C
TA = 125°C
TA = –55°C
VS = 5V


Similar Part No. - LT6703HV-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703HV-2 LINER-LT6703HV-2 Datasheet
166Kb / 12P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2 Datasheet
182Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
More results

Similar Description - LT6703HV-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com