Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6703HV-2 Datasheet(PDF) 7 Page - Linear Technology

Part # LT6703HV-2
Description  Micropower, Low Voltage Comparator with 400mV Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6703HV-2 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6703HV-2_15 Datasheet HTML 3Page - Linear Technology LT6703HV-2_15 Datasheet HTML 4Page - Linear Technology LT6703HV-2_15 Datasheet HTML 5Page - Linear Technology LT6703HV-2_15 Datasheet HTML 6Page - Linear Technology LT6703HV-2_15 Datasheet HTML 7Page - Linear Technology LT6703HV-2_15 Datasheet HTML 8Page - Linear Technology LT6703HV-2_15 Datasheet HTML 9Page - Linear Technology LT6703HV-2_15 Datasheet HTML 10Page - Linear Technology LT6703HV-2_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LT6703-2/LT6703-3
LT6703HV-2/LT6703HV-3
7
670323fd
Distribution of Rising Input
Threshold Voltage
Distribution of Falling Input
Threshold Voltage
Distribution of Hysteresis
Rising Input Threshold Voltage
vs Temperature
Rising Input Threshold Voltage
vs Temperature
Rising Input Threshold Voltage
vs Supply Voltage
PIN FUNCTIONS
+
400mV
REFERENCE
OUT
VS
–IN
GND
VS
LT6703-2
LT6703HV-2
670323 PF02
670323 PF03
+
400mV
REFERENCE
OUT
VS
+IN
GND
VS
LT6703-3
LT6703HV-3
TYPICAL PERFORMANCE CHARACTERISTICS
RISING INPUT THRESHOLD VOLTAGE (mV)
394
396
398
400
402
404
406
0
2
6
8
10
18
670323 G01
4
12
14
16
VS = 5V
TA = 25°C
FALLING INPUT THRESHOLD VOLTAGE (mV)
388
390
392
394
396
398
400
0
2
6
8
10
670323 G02
4
12
14
18
16
VS = 5V
TA = 25°C
HYSTERESIS (mV)
4
4.8
5.6
6.4
7.2
8
8.8
0
2
6
8
10
670323 G03
4
12
14
16
18
20
VS = 5V
TA = 25°C
TEMPERATURE (°C)
–60 –40
400
401
402
100 120
670323 G04
399
398
–20
0
20406080
397
404
403
396
FOUR TYPICAL PARTS
VS = 5V
#1
#2
#3
#4
TEMPERATURE (°C)
–60 –40
401.0
401.5
402.0
100 120
670323 G05
400.5
400.0
–20
0
20406080
399.5
403.0
402.5
399.0
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
SUPPLY VOLTAGE (V)
401.0
401.5
402.0
670323 G06
400.5
400.0
24
16
14
18
6
810
12
399.5
403.0
402.5
399.0
TA = 25°C
TA = 85°C
TA = 125°C
TA = –55°C


Similar Part No. - LT6703HV-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703HV-2 LINER-LT6703HV-2 Datasheet
166Kb / 12P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2 Datasheet
182Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
More results

Similar Description - LT6703HV-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com