Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1268B Datasheet(PDF) 4 Page - Linear Technology

Part # LT1268B
Description  7.5A, 150kHz Switching Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1268B Datasheet(HTML) 4 Page - Linear Technology

  LT1268B Datasheet HTML 1Page - Linear Technology LT1268B Datasheet HTML 2Page - Linear Technology LT1268B Datasheet HTML 3Page - Linear Technology LT1268B Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
LT1268B/LT1268
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
© LINEAR TECHNOLOGY CORPORATION 1994
1268fs, sn1268 LT/GP 0194 10K REV 0 • PRINTED IN THE USA
APPLICATI
TYPICAL
Boost Converter (5V TO 12V)
Q Package
5-Lead DD
T Package
5-Lead TO-220
VIN
20
µH
5V
VSW
LT1268CT
LT1268 • TA03
FB
1k
1.24k
10.7k
12V, 1.5A
MBR1020
1
µF
1000
µF
25V
VC
GND
+
+
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.
0.022 ± 0.005
(0.559 ± 0.127)
0.105 ± 0.008
(2.667 ± 0.203)
0.004
+0.008
–0.004
()
0.102
+0.203
–0.102
0.050 ± 0.012
(1.270 ± 0.305)
0.059
(1.499)
TYP
0.050 ± 0.008
(1.270 ± 0.203)
0.175 ± 0.008
(4.445 ± 0.203)
0.060
(1.524)
0.401 ± 0.015
(10.185 ± 0.381)
15° TYP
0.032 ± 0.008
(0.813 ± 0.203)
0.331
+0.012
–0.020
()
8.407
+0.305
–0.508
0.143
+0.012
–0.020
()
3.632
+0.305
–0.508
0.067 ± 0.010
(1.702 ± 0.254)
0.028 – 0.035
(0.711 – 0.889)
0.057 – 0.077
(1.448 – 1.956)
0.139 – 0.153
(3.531 – 3.886)
DIA
0.079 – 0.135
(2.007 – 3.429)
0.380 – 0.420
(9.652 – 10.668)
0.560 – 0.650
(14.224 – 16.510)
0.866 – 0.913
(21.996 – 23.190)
0.970 – 1.050
(24.64 – 26.67)
0.304 – 0.380
(7.722 – 9.652)
0.700 – 0.728
(17.780 – 18.491)
0.035 – 0.055
(0.889 – 1.397)
0.169 – 0.185
(4.293 – 4.699)
0.079 – 0.115
(2.007 – 2.921)
0.149 – 0.230
(3.785 – 5.842)
0.620 ± 0.020
(15.75 ± 0.508)
0.460 – 0.500
(11.68 – 12.70)
0.210 – 0.240
(5.334 – 6.096)
0.055 – 0.090
(1.397 – 2.286)
0.015 – 0.025
(0.381 – 0.635)


Similar Part No. - LT1268B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1268B LINER-LT1268B Datasheet
63Kb / 4P
   7.5A, 150kHz Switching Regulators
LT1268B LINER-LT1268B_15 Datasheet
63Kb / 4P
   7.5A, 150kHz Switching Regulators
More results

Similar Description - LT1268B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1268 LINER-LT1268_15 Datasheet
63Kb / 4P
   7.5A, 150kHz Switching Regulators
LT1268B LINER-LT1268B_15 Datasheet
63Kb / 4P
   7.5A, 150kHz Switching Regulators
logo
Gamma Microelectronics ...
GM7109 GAMMA-GM7109 Datasheet
153Kb / 9P
   150KHz, 2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Rohm
RSS075P03 ROHM-RSS075P03 Datasheet
86Kb / 5P
   Switching (-30V,-7.5A)
logo
Maxim Integrated Produc...
MAX17559EVKIT MAXIM-MAX17559EVKIT Datasheet
3Mb / 16P
   150kHz Switching Frequency
Rev 0; 6/15
logo
Unisonic Technologies
P1690G-S08-R UTC-P1690G-S08-R Datasheet
172Kb / 5P
   Fixed 150KHz Switching Frequency
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1084 LINER-LT1084_15 Datasheet
291Kb / 22P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com