Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1074CT Datasheet(PDF) 12 Page - Linear Technology

Part # LT1074CT
Description  Step-Down Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1074CT Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1074CT Datasheet HTML 8Page - Linear Technology LT1074CT Datasheet HTML 9Page - Linear Technology LT1074CT Datasheet HTML 10Page - Linear Technology LT1074CT Datasheet HTML 11Page - Linear Technology LT1074CT Datasheet HTML 12Page - Linear Technology LT1074CT Datasheet HTML 13Page - Linear Technology LT1074CT Datasheet HTML 14Page - Linear Technology LT1074CT Datasheet HTML 15Page - Linear Technology LT1074CT Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LT1074/LT1076
12
Figure 10. Error Amplifier
DESCRIPTIO S
PI
A
G
fC
at mid frequencies
A
G
R at high frequencies
V
m
C
Vm
C
=
••
=•
2
π
Phase shift from the FB pin to the VC pin is 90° at mid
frequencies where the external CC is controlling gain, then
drops back to 0
° (actually 180° since FB is an inverting
input) when the reactance of CC is small compared to RC.
The low frequency “pole” where the reactance of CC is
equal to the output impedance of Q4 and Q6 (rO), is:
f
rC
rk
POLE
O
O
=
••
≈Ω
1
2
400
π
Although fPOLE varies as much as 3:1 due to rO variations,
mid-frequency gain is dependent only on Gm, which is
specified much tighter on the data sheet. The higher
frequency “zero” is determined solely by RC and CC.
f
RC
ZERO
CC
=
••
1
2
π
The error amplifier has asymmetrical peak output current.
Q3 and Q4 current mirrors are unity-gain, but the Q6
mirror has a gain of 1.8 at output null and a gain of 8 when
the FB pin is high (Q1 current = 0). This results in a
maximum positive output current of 140
µA and a maxi-
mum negative (sink) output current of
≅1.1mA.Theasym-
metry is deliberate—it results in much less regulator
output overshoot during rapid start-up or following the
release of an output overload. Amplifier offset is kept low
by area scaling Q1 and Q2 at 1.8:1.
Amplifier swing is limited by the internal 5.8V supply for
positive outputs and by D1 and D2 when the output goes
low. Low clamp voltage is approximately one diode drop
(
≈0.7V – 2mV/°C).
Note that both the FB pin and the VC pin have other internal
connections. Refer to the frequency shifting and synchro-
nizing discussions.
140 A
µ
Q1
LT1074 • PD11
Q2
FB
V
50 A
µ
90 A
µ
Q6
300
C
Q4
5.8V
CC
RC
Q3
50 A
µ
2.21V
EXTERNAL
FREQUENCY
COMPENSATION
90 A
µ
D1
90 A
µ
D2
X1.8
ALL CURRENTS SHOWN ARE AT NULL CONDITION


Similar Part No. - LT1074CT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1074 LINER-LT1074 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
LT1074 LINER-LT1074 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
LT1074I LINER-LT1074I Datasheet
190Kb / 16P
   Step-Down Switching Regulator
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
More results

Similar Description - LT1074CT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
LV5803M-TE-L-E SANYO-LV5803M-TE-L-E Datasheet
119Kb / 6P
   Step-down Switching Regulator
LV5858M SANYO-LV5858M Datasheet
250Kb / 9P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com