Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1074CT Datasheet(PDF) 8 Page - Linear Technology

Part # LT1074CT
Description  Step-Down Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1074CT Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1074CT Datasheet HTML 4Page - Linear Technology LT1074CT Datasheet HTML 5Page - Linear Technology LT1074CT Datasheet HTML 6Page - Linear Technology LT1074CT Datasheet HTML 7Page - Linear Technology LT1074CT Datasheet HTML 8Page - Linear Technology LT1074CT Datasheet HTML 9Page - Linear Technology LT1074CT Datasheet HTML 10Page - Linear Technology LT1074CT Datasheet HTML 11Page - Linear Technology LT1074CT Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT1074/LT1076
8
Figure 1. Input Capacitor Ripple
Figure 2. Proper Ground Pin Connection
VIN PIN
The VIN pin is both the supply voltage for internal control
circuitry and one end of the high current switch. It is
important,
especially at low input voltages, that this pin be
bypassed with a low ESR, and low inductance capacitor to
prevent transient steps or spikes from causing erratic
operation. At full switch current of 5A, the switching
transients at the regulator input can get very large as
shown in Figure 1. Place the input capacitor very close to
the regulator and connect it with wide traces to avoid extra
inductance. Use radial lead capacitors.
FEEDBACK PIN
The feedback pin is the inverting input of an error amplifier
which controls the regulator output by adjusting duty
cycle. The noninverting input is internally connected to a
trimmed 2.21V reference. Input bias current is typically
0.5
µA when the error amplifier is balanced (IOUT = 0). The
error amplifier has asymmetrical GM for large input sig-
nals to reduce startup overshoot. This makes the amplifier
more sensitive to large ripple voltages at the feedback pin.
100mVp-p ripple at the feedback pin will create a 14mV
offset in the amplifier, equivalent to a 0.7% output voltage
shift. To avoid output errors, output ripple (P-P) should be
less than 4% of DC output voltage at the point where the
output divider is connected.
See the “Error Amplifier” section for more details.
Frequency Shifting at the Feedback Pin
The error amplifier feedback pin (FB) is used to downshift
the oscillator frequency when the regulator output voltage
is low. This is done to guarantee that output short-circuit
DESCRIPTIO S
PI
LP = Total inductance in input bypass connections
and capacitor.
“Spike” height (dI/dt • LP) is approximately 2V per
inch of lead length for LT1074 and 0.8V per inch for
LT1076.
“Step” for ESR = 0.05
Ω and ISW = 5A is 0.25V.
“Ramp” for C = 200
µF, TON = 5µs, and ISW = 5A,
is 0.12V.
Input current on the VIN Pin in shutdown mode is the sum
of actual supply current (
≈140µA, with a maximum of
300
µA), and switch leakage current. Consult factory for
special testing if shutdown mode input current is critical.
GROUND PIN
It might seem unusual to describe a ground pin, but in the
case of regulators, the ground pin must be connected
properly to ensure good load regulation. The internal
reference voltage is referenced to the ground pin; so any
error in ground pin voltage will be multiplied at the output;
LT1074•PD01
()
ISW
()
ESR
STEP =
()
ISW
()
TON
RAMP =
()()L
P
dl
dt
C
FB
GND
LT1074
LT1074•PD02
R2
HIGH CURRENT
RETURN PATH
NEGATIVE OUTPUT NODE
WHERE LOAD REGULATION
WILL BE MEASURED
V
VV
OUT
GND
OUT
= ()(
)
221
.
To ensure good load regulation, the ground pin must be
connected directly to the proper output node, so that no
high currents flow in this path. The output divider resistor
should also be connected to this low current connection
line as shown in Figure 2.


Similar Part No. - LT1074CT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1074 LINER-LT1074 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
LT1074 LINER-LT1074 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
LT1074I LINER-LT1074I Datasheet
190Kb / 16P
   Step-Down Switching Regulator
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
More results

Similar Description - LT1074CT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
LV5803M-TE-L-E SANYO-LV5803M-TE-L-E Datasheet
119Kb / 6P
   Step-down Switching Regulator
LV5858M SANYO-LV5858M Datasheet
250Kb / 9P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com