Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PALCE22V10 Datasheet(PDF) 34 Page - Lattice Semiconductor

Part # PALCE22V10
Description  24-Pin EE CMOS (Zero Power) Versatile PAL Device
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

PALCE22V10 Datasheet(HTML) 34 Page - Lattice Semiconductor

Back Button PALCE22V10 Datasheet HTML 26Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 27Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 28Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 29Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 30Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 31Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 32Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 33Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 34Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
34
PALCE22V10 and PALCE22V10Z Families
ORDERING INFORMATION
Commercial and Industrial Products
Lattice/Vantis programmable logic products for commercial and industrial applications are available with several ordering options.
The order number (Valid Combination) is formed by a combination of:
CE
TECHNOLOGY
CE
= CMOS Electrically Erasable
Valid Combinations
PAL
22
V
10
-5
J
C
FAMILY TYPE
PAL
= Programmable Array Logic
NUMBER OF
ARRAY INPUTS
OUTPUT TYPE
V
= Versatile
NUMBER OF OUTPUTS
SPEED
-5
= 5 ns tPD
-7
= 7.5 ns tPD
-10
= 10 ns tPD
-15
= 15 ns tPD
-20
= 20 ns tPD
-25
= 25 ns tPD
PACKAGE TYPE
P
= 24-Pin 300 mil Plastic
SKINNYDIP (PD3024)
J
= 28-Pin Plastic Leaded Chip
Carrier (PL 028)
S
= 24-Pin Plastic Gull-Wing
Small Outline Package
(SO 024)
OPERATING CONDITIONS
C
= Commercial (0°C to +75°C)
I
= Industrial (-40°C to +85°C)
H
POWER
Q
= Quarter Power (90-140 mA ICC)
H
= Half Power (90-140 mA ICC)
Z
= Zero Power (30 µA ICC standby)
PROGRAMMING DESIGNATOR
Blank = Initial Algorithm
/4
= First Revision
/5
= Second Revision
(Same Algorithm as /4)
/5
Valid Combinations list configurations planned to be
supported in volume for this device. Consult the local
Lattice/Vantis sales office to confirm availability of
specific valid combinations and to check on newly
released combinations.
Valid Combinations
PALCE22V10H-5
JC
/5
PALCE22V10H-7
PC, JC
PALCE22V10H-10
PC, JC, SC, PI, JI
PALCE22V10Q-10
PC, JC
PALCE22V10H-15
PC, JC, PI, JI, SC
/4
PALCE22V10Q-15
PC, JC
/5
PALCE22V10H-20
PI, JI
/4
PALCE22V10H-25
PC, JC, SC, PI, JI
/4
PALCE22V10Q-25
PC, JC
PALCE22V10Z-15
PI, JI
PALCE22V10Z-25
PC, JC, SC, PI, JI, SI


Similar Part No. - PALCE22V10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALCE22V10 CYPRESS-PALCE22V10 Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
PALCE22V10 CYPRESS-PALCE22V10 Datasheet
387Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALCE22V10-10 CYPRESS-PALCE22V10-10 Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
PALCE22V10-10 CYPRESS-PALCE22V10-10 Datasheet
387Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALCE22V10-10DMB CYPRESS-PALCE22V10-10DMB Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
More results

Similar Description - PALCE22V10

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PALLV22V10 LATTICE-PALLV22V10 Datasheet
378Kb / 19P
   Low-Voltage Zero Power 24-Pin EE CMOS Versatile PAL Device
logo
Advanced Micro Devices
PALCE26V12 AMD-PALCE26V12 Datasheet
219Kb / 21P
   28-Pin EE CMOS Versatile PAL Device
logo
NXP Semiconductors
PLC18V8Z PHILIPS-PLC18V8Z Datasheet
225Kb / 23P
   Zero standby power CMOS versatile PAL devices
1997 Aug 08
logo
Advanced Micro Devices
AMPAL22V10 AMD-AMPAL22V10 Datasheet
184Kb / 20P
   PAL22V10 Family, AmPAL22V10/A 24-Pin TTL Versatile PAL Device
logo
Lattice Semiconductor
PALCE16V8 LATTICE-PALCE16V8 Datasheet
634Kb / 32P
   EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
logo
Advanced Micro Devices
PALCE29MA16 AMD-PALCE29MA16 Datasheet
353Kb / 25P
   24-Pin EE CMOS Programmable Array Logic
PALCE29M16H-25 AMD-PALCE29M16H-25 Datasheet
302Kb / 22P
   24-Pin EE CMOS Programmable Array Logic
logo
Lattice Semiconductor
PALCE20V8 LATTICE-PALCE20V8 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Cypress Semiconductor
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
   Reprogrammable CMOS PAL Device
PALC22V10 CYPRESS-PALC22V10 Datasheet
58Kb / 3P
   Reprogrammable CMOS PAL Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com