Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PALCE22V10 Datasheet(PDF) 18 Page - Lattice Semiconductor

Part # PALCE22V10
Description  24-Pin EE CMOS (Zero Power) Versatile PAL Device
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

PALCE22V10 Datasheet(HTML) 18 Page - Lattice Semiconductor

Back Button PALCE22V10 Datasheet HTML 14Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 15Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 16Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 17Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 18Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 19Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 20Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 21Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 22Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
18
PALCE22V10H-10/15/20/25 (Ind)
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . . . . .-65°C to +150°C
Ambient Temperature with
Power Applied . . . . . . . . . . . . . . . . . .-55°C to +125°C
Supply Voltage with Respect
to Ground . . . . . . . . . . . . . . . . . . . . . -0.5 V to +7.0 V
DC Input Voltage . . . . . . . . . . . . -0.5 V to VCC + 0.5 V
DC Output or I/O Pin
Voltage . . . . . . . . . . . . . . . . . . . -0.5 V to VCC + 0.5 V
Static Discharge Voltage . . . . . . . . . . . . . . . . . 2001 V
Latchup Current (TA = -40°C to +85°C) . . . . . . 100 mA
Stresses above those listed under Absolute Maximum Ratings
may cause permanent device failure. Functionality at or above
these limits is not implied. Exposure to Absolute Maximum Rat-
ings for extended periods may affect device reliability.
Programming conditions may vary.
OPERATING RANGES
Industrial (I) Devices
Ambient Temperature (TA)
Operating in Free Air . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage (VCC) with
Respect to Ground. . . . . . . . . . . . . . . +4.5 V to +5.5 V
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
Notes:
1. These are absolute values with respect to the device ground, and all overshoots due to system and tester noise are included.
2. I/O pin leakage is the worst case of IIL and IOZL (or IIH and IOZH).
3. Not more than one output should be tested at a time, and the duration of the short-circuit test should not exceed one second.
VOUT = 0.5 V has been chosen to avoid test problems caused by tester ground degradation.
DC CHARACTERISTICS OVER INDUSTRIAL OPERATING RANGES
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
VOH
Output HIGH Voltage
IOH = -3.2 mA, VIN = VIH or VIL, VCC = Min
2.4
V
VOL
Output LOW Voltage
IOL = 16 mA, VIN = VIH or VIL, VCC = Min
0.4
V
VIH
Input HIGH Voltage
Guaranteed Input Logical HIGH
Voltage for all Inputs (Note 1)
2.0
V
VIL
Input LOW Voltage
Guaranteed Input Logical LOW
Voltage for all Inputs (Note 1)
0.8
V
IIH
Input HIGH Leakage Current
VIN = VCC, VCC = Max (Note 2)
10
µ
A
IIL
Input LOW Leakage Current
VIN = 0 V, VCC = Max (Note 2)
-100
µ
A
IOZH
Off-State Output Leakage Current HIGH VOUT = VCC, VCC = Max, VIN = VIL or VIH (Note 2)
10
µ
A
IOZL
Off-State Output Leakage Current LOW VOUT = 0 V, VCC = Max, VIN = VIL or VIH (Note 2)
-100
µ
A
ISC
Output Short-Circuit Current
VOUT = 0.5 V, VCC = 5 V
TA = 25°C (Note 3)
-30
-130
mA
ICC (Static)
Supply Current
H-20/25 VIN = 0 V, Outputs Open
(IOUT = 0 mA), VCC = Max
100
mA
H-10/15
110
ICC (Dynamic)
Supply Current
VIN = 0 V, Outputs Open
(IOUT = 0 mA), VCC = Max, f = 15 MHz
130
mA


Similar Part No. - PALCE22V10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALCE22V10 CYPRESS-PALCE22V10 Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
PALCE22V10 CYPRESS-PALCE22V10 Datasheet
387Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALCE22V10-10 CYPRESS-PALCE22V10-10 Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
PALCE22V10-10 CYPRESS-PALCE22V10-10 Datasheet
387Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALCE22V10-10DMB CYPRESS-PALCE22V10-10DMB Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
More results

Similar Description - PALCE22V10

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PALLV22V10 LATTICE-PALLV22V10 Datasheet
378Kb / 19P
   Low-Voltage Zero Power 24-Pin EE CMOS Versatile PAL Device
logo
Advanced Micro Devices
PALCE26V12 AMD-PALCE26V12 Datasheet
219Kb / 21P
   28-Pin EE CMOS Versatile PAL Device
logo
NXP Semiconductors
PLC18V8Z PHILIPS-PLC18V8Z Datasheet
225Kb / 23P
   Zero standby power CMOS versatile PAL devices
1997 Aug 08
logo
Advanced Micro Devices
AMPAL22V10 AMD-AMPAL22V10 Datasheet
184Kb / 20P
   PAL22V10 Family, AmPAL22V10/A 24-Pin TTL Versatile PAL Device
logo
Lattice Semiconductor
PALCE16V8 LATTICE-PALCE16V8 Datasheet
634Kb / 32P
   EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
logo
Advanced Micro Devices
PALCE29MA16 AMD-PALCE29MA16 Datasheet
353Kb / 25P
   24-Pin EE CMOS Programmable Array Logic
PALCE29M16H-25 AMD-PALCE29M16H-25 Datasheet
302Kb / 22P
   24-Pin EE CMOS Programmable Array Logic
logo
Lattice Semiconductor
PALCE20V8 LATTICE-PALCE20V8 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Cypress Semiconductor
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
   Reprogrammable CMOS PAL Device
PALC22V10 CYPRESS-PALC22V10 Datasheet
58Kb / 3P
   Reprogrammable CMOS PAL Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com