Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PALCE22V10 Datasheet(PDF) 1 Page - Lattice Semiconductor

Part # PALCE22V10
Description  24-Pin EE CMOS (Zero Power) Versatile PAL Device
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

PALCE22V10 Datasheet(HTML) 1 Page - Lattice Semiconductor

  PALCE22V10 Datasheet HTML 1Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 2Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 3Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 4Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 5Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 6Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 7Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 8Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Publication# 16564
Rev: E
Amendment/0
Issue Date: November 1998
COM'L: -25
IND: -15/25
PALCE22V10 and PALCE22V10Z
Families
24-Pin EE CMOS (Zero Power) Versatile PAL Device
DISTINCTIVE CHARACTERISTICS
x
As fast as 5-ns propagation delay and 142.8 MHz fMAX (external)
x
Low-power EE CMOS
x
10 macrocells programmable as registered or combinatorial, and active high or active low to
match application needs
x
Varied product term distribution allows up to 16 product terms per output for complex
functions
x
Peripheral Component Interconnect (PCI) compliant (-5/-7/-10)
x
Global asynchronous reset and synchronous preset for initialization
x
Power-up reset for initialization and register preload for testability
x
Extensive third-party software and programmer support
x
24-pin SKINNY DIP, 24-pin SOIC, and 28-pin PLCC
x
5-ns and 7.5-ns versions utilize split leadframes for improved performance
GENERAL DESCRIPTION
The PALCE22V10 provides user-programmable logic for replacing conventional SSI/MSI gates and
flip-flops at a reduced chip count.
The PALCE22V10Z is an advanced PAL® device built with zero-power, high-speed, electrically-
erasable CMOS technology. It provides user-programmable logic for replacing conventional zero-
power CMOS SSI/MSI gates and flip-flops at a reduced chip count.
The PALCE22V10Z provides zero standby power and high speed. At 30 µA maximum standby
current, the PALCE22V10Z allows battery-powered operation for an extended period.
The PAL device implements the familiar Boolean logic transfer function, the sum of products. The
PAL device is a programmable AND array driving a fixed OR array. The AND array is programmed
to create custom product terms, while the OR array sums selected terms at the outputs.
The product terms are connected to the fixed OR array with a varied distribution from 8 to16 across
the outputs (see Block Diagram). The OR sum of the products feeds the output macrocell. Each
macrocell can be programmed as registered or combinatorial, and active-high or active low. The
output configuration is determined by two bits controlling two multiplexers in each macrocell.
COM'L: H-5/7/10/15/25,Q-10/15/25 IND: H-10/15/20/25
PALCE22V10Z
PALCE22V10


Similar Part No. - PALCE22V10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALCE22V10 CYPRESS-PALCE22V10 Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
PALCE22V10 CYPRESS-PALCE22V10 Datasheet
387Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALCE22V10-10 CYPRESS-PALCE22V10-10 Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
PALCE22V10-10 CYPRESS-PALCE22V10-10 Datasheet
387Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALCE22V10-10DMB CYPRESS-PALCE22V10-10DMB Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
More results

Similar Description - PALCE22V10

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PALLV22V10 LATTICE-PALLV22V10 Datasheet
378Kb / 19P
   Low-Voltage Zero Power 24-Pin EE CMOS Versatile PAL Device
logo
Advanced Micro Devices
PALCE26V12 AMD-PALCE26V12 Datasheet
219Kb / 21P
   28-Pin EE CMOS Versatile PAL Device
logo
NXP Semiconductors
PLC18V8Z PHILIPS-PLC18V8Z Datasheet
225Kb / 23P
   Zero standby power CMOS versatile PAL devices
1997 Aug 08
logo
Advanced Micro Devices
AMPAL22V10 AMD-AMPAL22V10 Datasheet
184Kb / 20P
   PAL22V10 Family, AmPAL22V10/A 24-Pin TTL Versatile PAL Device
logo
Lattice Semiconductor
PALCE16V8 LATTICE-PALCE16V8 Datasheet
634Kb / 32P
   EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
logo
Advanced Micro Devices
PALCE29MA16 AMD-PALCE29MA16 Datasheet
353Kb / 25P
   24-Pin EE CMOS Programmable Array Logic
PALCE29M16H-25 AMD-PALCE29M16H-25 Datasheet
302Kb / 22P
   24-Pin EE CMOS Programmable Array Logic
logo
Lattice Semiconductor
PALCE20V8 LATTICE-PALCE20V8 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Cypress Semiconductor
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
   Reprogrammable CMOS PAL Device
PALC22V10 CYPRESS-PALC22V10 Datasheet
58Kb / 3P
   Reprogrammable CMOS PAL Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com