Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PALCE22V10 Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # PALCE22V10
Description  24-Pin EE CMOS (Zero Power) Versatile PAL Device
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

PALCE22V10 Datasheet(HTML) 5 Page - Lattice Semiconductor

  PALCE22V10 Datasheet HTML 1Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 2Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 3Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 4Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 5Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 6Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 7Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 8Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
PALCE22V10 and PALCE22V10Z Families
5
Note that preset and reset control the flip-flop, not the output pin. The output level is determined
by the output polarity selected.
Power-Up Reset
All flip-flops power up to a logic LOW for predictable system initialization. Outputs of the
PALCE22V10 will depend on the programmed output polarity. The VCC rise must be monotonic,
and the reset delay time is 1000ns maximum.
Register Preload
The register on the PALCE22V10 can be preloaded from the output pins to facilitate functional
testing of complex state machine designs. This feature allows direct loading of arbitrary states,
making it unnecessary to cycle through long test vector sequences to reach a desired state. In
addition, transitions from illegal states can be verified by loading illegal states and observing
proper recovery.
Security Bit
After programming and verification, a PALCE22V10 design can be secured by programming the
security EE bit. Once programmed, this bit defeats readback of the internal programmed pattern
by a device programmer, securing proprietary designs from competitors. When the security bit is
programmed, the array will read as if every bit is erased, and preload will be disabled.
The bit can only be erased in conjunction with erasure of the entire pattern.
Programming and Erasing
The PALCE22V10 can be programmed on standard logic programmers. It also may be erased to
reset a previously configured device back to its unprogrammed state. Erasure is automatically
performed by the programming hardware. No special erase operation is required.
Quality and Testability
The PALCE22V10 offers a very high level of built-in quality. The erasability of the device provides
a direct means of verifying performance of all AC and DC parameters. In addition, this verifies
complete programmability and functionality of the device to provide the highest programming
yields and post-programming functional yields in the industry.
Technology
The high-speed PALCE22V10 is fabricated with Vantis’ advanced electrically erasable (EE) CMOS
process. The array connections are formed with proven EE cells. Inputs and outputs are designed
to be compatible with TTL devices. This technology provides strong input clamp diodes, output
slew-rate control, and a grounded substrate for clean switching.
PCI Compliance
The PALCE22V10H devices in the -5/-7/-10 speed grades are fully compliant with the PCI Local
Bus Specification published by the PCI Special Interest Group. The PALCE22V10H’s predictable
timing ensures compliance with the PCI AC specifications independent of the design.
Zero-Standby Power Mode
The PALCE22V10Z features a zero-standby power mode. When none of the inputs switch for an
extended period (typically 50 ns), the PALCE22V10Z will go into standby mode, shutting down


Similar Part No. - PALCE22V10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALCE22V10 CYPRESS-PALCE22V10 Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
PALCE22V10 CYPRESS-PALCE22V10 Datasheet
387Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALCE22V10-10 CYPRESS-PALCE22V10-10 Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
PALCE22V10-10 CYPRESS-PALCE22V10-10 Datasheet
387Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALCE22V10-10DMB CYPRESS-PALCE22V10-10DMB Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
More results

Similar Description - PALCE22V10

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PALLV22V10 LATTICE-PALLV22V10 Datasheet
378Kb / 19P
   Low-Voltage Zero Power 24-Pin EE CMOS Versatile PAL Device
logo
Advanced Micro Devices
PALCE26V12 AMD-PALCE26V12 Datasheet
219Kb / 21P
   28-Pin EE CMOS Versatile PAL Device
logo
NXP Semiconductors
PLC18V8Z PHILIPS-PLC18V8Z Datasheet
225Kb / 23P
   Zero standby power CMOS versatile PAL devices
1997 Aug 08
logo
Advanced Micro Devices
AMPAL22V10 AMD-AMPAL22V10 Datasheet
184Kb / 20P
   PAL22V10 Family, AmPAL22V10/A 24-Pin TTL Versatile PAL Device
logo
Lattice Semiconductor
PALCE16V8 LATTICE-PALCE16V8 Datasheet
634Kb / 32P
   EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
logo
Advanced Micro Devices
PALCE29MA16 AMD-PALCE29MA16 Datasheet
353Kb / 25P
   24-Pin EE CMOS Programmable Array Logic
PALCE29M16H-25 AMD-PALCE29M16H-25 Datasheet
302Kb / 22P
   24-Pin EE CMOS Programmable Array Logic
logo
Lattice Semiconductor
PALCE20V8 LATTICE-PALCE20V8 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Cypress Semiconductor
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
   Reprogrammable CMOS PAL Device
PALC22V10 CYPRESS-PALC22V10 Datasheet
58Kb / 3P
   Reprogrammable CMOS PAL Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com